Electronic Components Datasheet Search |
|
M38038F4-XXXKP Datasheet(PDF) 4 Page - Renesas Technology Corp |
|
M38038F4-XXXKP Datasheet(HTML) 4 Page - Renesas Technology Corp |
4 / 119 page Rev.1.01 Jan 25, 2008 Page 4 of 117 REJ03B0212-0101 3803 Group (Spec.L) Table 1 Performance overview Parameter Function Number of basic instructions 71 Minimum instruction execution time 0.24 µs (Oscillation frequency 16.8 MHz) Oscillation frequency Oscillation frequency 16.8 MHz(Maximum) Memory sizes Mask ROM version ROM 60 Kbytes RAM 2048 bytes Flash memory version ROM 60 Kbytes RAM 2048 bytes I/O port P0-P6 56 pins Software pull-up resistors Built-in Interrupt 21 sources, 16 vectors (8 external, 12 internal, 1 software) Timer 8-bit × 4 (with 8-bit prescaler), 16-bit × 1 Serial interface 8-bit × 2 (UART or Clock-synchronized) 8-bit × 1 (Clock-synchronized) PWM 8-bit × 1 (with 8-bit prescaler) A/D converter 10-bit × 16 channels (8-bit reading enabled) D/A converter 8-bit × 2 channels Watchdog timer 16-bit × 1 LED direct drive port 8 (average current: 15 mA, peak current: 30 mA, total current: 90 mA) Clock generating circuits Built-in 2 circuits (connect to external ceramic rasonator or quartz-crystal oscillator) Power source voltage In high-speed mode At 16.8 MHz Mask ROM version 4.5 to 5.5 V Flash memory version At 12.5 MHz Mask ROM version 4.0 to 5.5 V Flash memory version At 8.4 MHz Mask ROM version 2.7 to 5.5 V Flash memory version At 4.2 MHz Mask ROM version 2.2 to 5.5 V At 2.1 MHz Mask ROM version 2.0 to 5.5 V In middle- speed mode At 16.8 MHz Mask ROM version 4.5 to 5.5 V Flash memory version At 12.5 MHz Mask ROM version 2.7 to 5.5 V Flash memory version At 8.4 MHz Mask ROM version 2.2 to 5.5 V At 6.3 MHz Mask ROM version 1.8 to 5.5 V In low-speed mode At 32 MHz Mask ROM version 1.8 to 5.5 V Flash memory version 2.7 to 5.5 V Power dissipation In high-speed mode Mask ROM version 40 mW Flash memory version 27.5 mW In low-speed mode Mask ROM version 45 µW Flash memory version 1200 µW Input/Output characteris- tics Input/Output withstand voltage VCC Output current 10 mA Operating temperature range -20 to 85 °C Device structure CMOS sillicon gate Package 64-pin plastic molded SDIP/LQFP/FLGA |
Similar Part No. - M38038F4-XXXKP |
|
Similar Description - M38038F4-XXXKP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |