Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30221 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M30221
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30221 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M30221 Datasheet HTML 5Page - Renesas Technology Corp M30221 Datasheet HTML 6Page - Renesas Technology Corp M30221 Datasheet HTML 7Page - Renesas Technology Corp M30221 Datasheet HTML 8Page - Renesas Technology Corp M30221 Datasheet HTML 9Page - Renesas Technology Corp M30221 Datasheet HTML 10Page - Renesas Technology Corp M30221 Datasheet HTML 11Page - Renesas Technology Corp M30221 Datasheet HTML 12Page - Renesas Technology Corp M30221 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
8
Memory
Mitsubishi microcomputers
M30221 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Operation of Functional Blocks
The M30221 group accommodates certain units in a single chip. These units include ROM and RAM to
store instructions and data and the central processing unit (CPU) to execute arithmetic/logic operations.
Also included are peripheral units such as timers, real time port, serial I/O, LCD drive control circuit, D-A
converter, A-D converter, DMAC and I/O ports.
Memory
Figure 1.4.1 is a memory map of the M30221 group. The address space extends the 1M bytes from ad-
dress 0000016 to FFFFF16. From FFFFF16 down is ROM. For example, in the M30221M3-XXXFP, there is
24K bytes of internal ROM from FA00016 to FFFFF16. The vector table for fixed interrupts such as the reset
_______
and NMI are mapped to FFFDC16 to FFFFF16. The starting address of the interrupt routine is stored here.
The address of the vector table for timer interrupts, etc., can be set as desired using the internal register
(INTB). See the section on interrupts for details.
From 0040016 up is RAM. For example, in the M30221M3-XXXFP, 1.5K bytes of internal RAM is mapped
to the space from 0040016 to 009FF6. In addition to storing data, the RAM also stores the stack used when
calling subroutines and when interrupts are generated.
The SFR area is mapped to 0000016 to 003FF16. This area accommodates the control registers for periph-
eral devices such as I/O ports, A-D converter, serial I/O, timers, and LCD, etc. Figures 1.7.1 to 1.7.3 are
location of peripheral unit control registers. Any part of the SFR area that is not occupied is reserved and
cannot be used for other purposes.
The special page vector table is mapped to FFE0016 to FFFDB16. If the starting addresses of subroutines
or the destination addresses of jumps are stored here, subroutine call instructions and jump instructions
can be used as 2-byte instructions, reducing the number of program steps.
Figure 1.4.1. Memory map
SFR area
For details, see
Figures 1.7.1 to 1.7.3
Internal RAM area
Internal RAM area
Internal ROM area
Reset
Watchdog timer
Single step
Address match
BRK instruction
Overflow
Undefined instruction
Special page
vector table
0000016
0040016
XXXXX16
YYYYY16
FFFFF16
FFFFF16
FFFDC16
FFE0016
DBC
NMI
ROM size
FA00016
24K bytes
Address YYYYY16
32K bytes
64K bytes
128K bytes
F800016
F000016
E000016
RAM size
009FF16
1.5K bytes
Address XXXXX16
2K bytes
4K bytes
10K bytes
00BFF16
013FF16
02BFF16


Similar Part No. - M30221

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M302210 E-SWITCH-M302210 Datasheet
34Kb / 1P
   All Dimension In MM
M302212 E-SWITCH-M302212 Datasheet
36Kb / 1P
   All Dimension In MM
M302213 E-SWITCH-M302213 Datasheet
61Kb / 1P
   All Dimension In MM
More results

Similar Description - M30221

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com