Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30220FA-XXXRP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M30220FA-XXXRP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30220FA-XXXRP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M30220FA-XXXRP Datasheet HTML 1Page - Renesas Technology Corp M30220FA-XXXRP Datasheet HTML 2Page - Renesas Technology Corp M30220FA-XXXRP Datasheet HTML 3Page - Renesas Technology Corp M30220FA-XXXRP Datasheet HTML 4Page - Renesas Technology Corp M30220FA-XXXRP Datasheet HTML 5Page - Renesas Technology Corp M30220FA-XXXRP Datasheet HTML 6Page - Renesas Technology Corp M30220FA-XXXRP Datasheet HTML 7Page - Renesas Technology Corp M30220FA-XXXRP Datasheet HTML 8Page - Renesas Technology Corp M30220FA-XXXRP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 221 page
background image
Description
Mitsubishi microcomputers
M30220 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
4
Item
Performance
Number of basic instructions
91 instructions
Shortest instruction execution time
100ns (f(XIN)=10MHz
Memory
ROM
96 Kbytes
capacity
RAM
6 Kbytes
I/O port
P0 to P13 (except P77)
8 bits x 11, 3 bits x 1, 6 bits x 1, 7 bits x 1
Input port
P77
1 bit x 1
Output port
SEG0 to SEG15
2 bits x 8
Multifunction
TA0 to TA7
16 bits x 8
timer
TB0 to TB5
16 bits x 6
Real time port outputs
8 bits x 4 lines
Serial I/O
UART0 to UART2
(UART or clock synchronous) x 3
A-D converter
10 bits x 8 channels
D-A converter
8 bits x 3 channels
DMAC
2 channel(trigger:26 sources)
LCD
COM0 to COM3
4 lines
SEG0 to SEG47
48 lines (32 lines are shared with I/O ports)
Watchdog timer
15 bits x 1 (with prescaler)
Interrupt
26 internal and 8 external sources, 4 software sources
Clock generating circuit
2 built-in clock generation circuits
(built-in feedback resistor, and external ceramic or
quartz oscillator)
Supply voltage
4.0V to 5.5V (f(XIN)=10MHz)
2.7V to 5.5V (f(XIN)=7MHz with software one-wait)
Power consumption
18mW (VCC=3V, f(XIN)=7MHz with software one-wait)
I/O withstand voltage (P0 to P13)
5 V
Output current P1 to P9,P13
5 mA
P0, P10 to P12
0.1mA("H" output), 2.5mA("L" output)
Device configuration
CMOS high-performance silicon gate
Package
144-pin plastic mold QFP
Table 1.1.1. Performance outline of M30220 group
Performance Outline
Table 1.1.1 is performance outline of M30220 group.
I/O char-
acteristics


Similar Part No. - M30220FA-XXXRP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30220 MITSUBISHI-M30220 Datasheet
2Mb / 212P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
E-SWITCH
M302200 E-SWITCH-M302200 Datasheet
34Kb / 1P
   All Dimension In MM
M302201 E-SWITCH-M302201 Datasheet
28Kb / 1P
   All Dimension In MM
M302202 E-SWITCH-M302202 Datasheet
35Kb / 1P
   All Dimension In MM
M302204 E-SWITCH-M302204 Datasheet
34Kb / 1P
   All Dimension In MM
More results

Similar Description - M30220FA-XXXRP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com