Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT3029R-EL-E Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HAT3029R-EL-E
Description  Silicon N/P Channel Power MOS FET Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT3029R-EL-E Datasheet(HTML) 4 Page - Renesas Technology Corp

  HAT3029R-EL-E Datasheet HTML 1Page - Renesas Technology Corp HAT3029R-EL-E Datasheet HTML 2Page - Renesas Technology Corp HAT3029R-EL-E Datasheet HTML 3Page - Renesas Technology Corp HAT3029R-EL-E Datasheet HTML 4Page - Renesas Technology Corp HAT3029R-EL-E Datasheet HTML 5Page - Renesas Technology Corp HAT3029R-EL-E Datasheet HTML 6Page - Renesas Technology Corp HAT3029R-EL-E Datasheet HTML 7Page - Renesas Technology Corp HAT3029R-EL-E Datasheet HTML 8Page - Renesas Technology Corp HAT3029R-EL-E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HAT3029R
REJ03G1597-0600 Rev.6.00 Oct 16, 2007
Page 4 of 9
Case Temperature Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature
100
80
60
40
20
-25
0
50
25
100
75
125 150
0
ID = 2 A, 5 A, 10 A
2 A, 5 A, 10 A
VGS = 10 V
Pulse Test
Drain Current ID (A)
Forward Transfer Admittance vs.
Drain Current
330
0.1
1
10
100
0.3
10
100
1000
1
Tc = –25
°C
VDS = 10 V
Pulse Test
75
°C
25
°C
Reverse Drain Current IDR (A)
Body–Drain Diode Reverse
Recovery Time
1
10
100
100
20
50
10
0.1
di/dt = 100 A/
µs
VGS = 0, Ta = 25°C
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
010
515
20
25
30
10000
3000
1000
300
100
30
10
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
Gate Charge Qg (nc)
Dynamic Input Characteristics
50
40
30
20
10
0
20
16
12
8
4
246
8
10
0
ID = 6 A
VGS
VDS
VDD = 25 V
10 V
5 V
VDD = 25 V
10 V
5 V
Drain Current ID (A)
Switching Characteristics
100
10
1
110
0.1
100
1000
VGS = 10 V, VDS = 10 V
Rg = 4.7
Ω, duty ≤ 1 %
td(on)
td(off)
tr
tf
4.5 V


Similar Part No. - HAT3029R-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT3029R RENESAS-HAT3029R Datasheet
136Kb / 2P
   Power MOSFETs and IGBT for PDP
logo
VBsemi Electronics Co.,...
HAT3029R VBSEMI-HAT3029R Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
HAT3029R DOINGTER-HAT3029R Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench technology
logo
Renesas Technology Corp
HAT3029R RENESAS-HAT3029R_15 Datasheet
163Kb / 12P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3029R RENESAS-HAT3029R_16 Datasheet
257Kb / 11P
   Silicon N/P Channel Power MOS FET Power Switching
More results

Similar Description - HAT3029R-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT3021R RENESAS-HAT3021R Datasheet
146Kb / 11P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3029R RENESAS-HAT3029R_16 Datasheet
257Kb / 11P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3019R RENESAS-HAT3019R Datasheet
535Kb / 11P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3029R RENESAS-HAT3029R_15 Datasheet
163Kb / 12P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3021R RENESAS-HAT3021R_15 Datasheet
167Kb / 13P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3021R RENESAS-HAT3021R_16 Datasheet
208Kb / 12P
   Silicon N/P Channel Power MOS FET Power Switching
HAT1048R RENESAS-HAT1048R Datasheet
37Kb / 5P
   Silicon P Channel Power MOS FET Power Switching
HAT1072H RENESAS-HAT1072H_05 Datasheet
177Kb / 7P
   Silicon P Channel Power MOS FET Power Switching
HAT1069C RENESAS-HAT1069C_15 Datasheet
84Kb / 6P
   Silicon P Channel Power MOS FET Power Switching
HAT1127H RENESAS-HAT1127H_15 Datasheet
106Kb / 9P
   Silicon P Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com