Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M16C220M8-XXXGP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M16C220M8-XXXGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C220M8-XXXGP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M16C220M8-XXXGP Datasheet HTML 6Page - Renesas Technology Corp M16C220M8-XXXGP Datasheet HTML 7Page - Renesas Technology Corp M16C220M8-XXXGP Datasheet HTML 8Page - Renesas Technology Corp M16C220M8-XXXGP Datasheet HTML 9Page - Renesas Technology Corp M16C220M8-XXXGP Datasheet HTML 10Page - Renesas Technology Corp M16C220M8-XXXGP Datasheet HTML 11Page - Renesas Technology Corp M16C220M8-XXXGP Datasheet HTML 12Page - Renesas Technology Corp M16C220M8-XXXGP Datasheet HTML 13Page - Renesas Technology Corp M16C220M8-XXXGP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 221 page
background image
CPU
Mitsubishi microcomputers
M30220 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
9
Central Processing Unit (CPU)
The CPU has a total of 13 registers shown in Figure 1.5.1. Seven of these registers (R0, R1, R2, R3, A0,
A1, and FB) come in two sets; therefore, these have two register banks.
(1) Data registers (R0, R0H, R0L, R1, R1H, R1L, R2, and R3)
Data registers (R0, R1, R2, and R3) are configured with 16 bits, and are used primarily for transfer and
arithmetic/logic operations.
Registers R0 and R1 each can be used as separate 8-bit data registers, high-order bits as (R0H/R1H),
and low-order bits as (R0L/R1L). In some instructions, registers R2 and R0, as well as R3 and R1 can
use as 32-bit data registers (R2R0/R3R1).
(2) Address registers (A0 and A1)
Address registers (A0 and A1) are configured with 16 bits, and have functions equivalent to those of data
registers. These registers can also be used for address register indirect addressing and address register
relative addressing.
In some instructions, registers A1 and A0 can be combined for use as a 32-bit address register (A1A0).
H
L
b15
b8 b7
b0
R0(Note)
H
L
b15
b8 b7
b0
R1(Note)
R2(Note)
b15
b0
R3(Note)
b15
b0
A0(Note)
b15
b0
A1(Note)
b15
b0
FB(Note)
b15
b0
Data
registers
Address
registers
Frame base
registers
b15
b0
b15
b0
b15
b0
b15
b0
b0
b19
b0
b19
H
L
Program counter
Interrupt table
register
User stack pointer
Interrupt stack
pointer
Static base
register
Flag register
PC
INTB
USP
ISP
SB
FLG
Note: These registers consist of two register banks.
C
D
Z
S
B
O
I
U
IPL
Figure 1.5.1. Central processing unit register


Similar Part No. - M16C220M8-XXXGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C221F3-XXXFP RENESAS-M16C221F3-XXXFP Datasheet
550Kb / 46P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C221F4-XXXFP RENESAS-M16C221F4-XXXFP Datasheet
550Kb / 46P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C221F8-XXXFP RENESAS-M16C221F8-XXXFP Datasheet
550Kb / 46P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C221FC-XXXFP RENESAS-M16C221FC-XXXFP Datasheet
550Kb / 46P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C221M3-XXXFP RENESAS-M16C221M3-XXXFP Datasheet
550Kb / 46P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M16C220M8-XXXGP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com