Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5302 Datasheet(PDF) 3 Page - Mospec Semiconductor

Part # 2N5302
Description  POWER TRANSISTORS(200W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2N5302 Datasheet(HTML) 3 Page - Mospec Semiconductor

  2N5302 Datasheet HTML 1Page - Mospec Semiconductor 2N5302 Datasheet HTML 2Page - Mospec Semiconductor 2N5302 Datasheet HTML 3Page - Mospec Semiconductor 2N5302 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A


Similar Part No. - 2N5302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5302 ONSEMI-2N5302 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
logo
Savantic, Inc.
2N5302 SAVANTIC-2N5302 Datasheet
116Kb / 3P
   Silicon NPN Power Transistors
logo
Wing Shing Computer Com...
2N5302 WINGS-2N5302 Datasheet
47Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Inchange Semiconductor ...
2N5302 ISC-2N5302 Datasheet
221Kb / 2P
   isc Silicon NPN Power Transistors
logo
Microsemi Corporation
2N5302 MICROSEMI-2N5302 Datasheet
68Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR
More results

Similar Description - 2N5302

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4398 MOSPEC-2N4398 Datasheet
158Kb / 4P
   POWER TRANSISTORS(200W)
2N6436 MOSPEC-2N6436 Datasheet
191Kb / 4P
   POWER TRANSISTORS(25A,200W)
2N5883 MOSPEC-2N5883 Datasheet
183Kb / 4P
   POWER TRANSISTORS(25A,200W)
2SA1216 MOSPEC-2SA1216 Datasheet
117Kb / 3P
   POWER TRANSISTORS(17A,180V,200W)
2SC3264 MOSPEC-2SC3264 Datasheet
127Kb / 3P
   POWER TRANSISTORS(17A,230V,200W)
MJ802 MOSPEC-MJ802 Datasheet
111Kb / 3P
   POWER TRANSISTORS(30A,100V,200W)
MJ4502 MOSPEC-MJ4502 Datasheet
101Kb / 3P
   POWER TRANSISTORS(30A,100V,200W)
2SA1295 MOSPEC-2SA1295 Datasheet
117Kb / 3P
   POWER TRANSISTORS(17A,230V,200W)
2SD1313 MOSPEC-2SD1313 Datasheet
121Kb / 3P
   POWER TRANSISTORS(25A,350V,200W)
2SA1494 MOSPEC-2SA1494 Datasheet
117Kb / 3P
   POWER TRANSISTORS(17A,200V,200W)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com