Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M16C220MA-XXXRP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M16C220MA-XXXRP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C220MA-XXXRP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M16C220MA-XXXRP Datasheet HTML 2Page - Renesas Technology Corp M16C220MA-XXXRP Datasheet HTML 3Page - Renesas Technology Corp M16C220MA-XXXRP Datasheet HTML 4Page - Renesas Technology Corp M16C220MA-XXXRP Datasheet HTML 5Page - Renesas Technology Corp M16C220MA-XXXRP Datasheet HTML 6Page - Renesas Technology Corp M16C220MA-XXXRP Datasheet HTML 7Page - Renesas Technology Corp M16C220MA-XXXRP Datasheet HTML 8Page - Renesas Technology Corp M16C220MA-XXXRP Datasheet HTML 9Page - Renesas Technology Corp M16C220MA-XXXRP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 221 page
background image
Mitsubishi microcomputers
M30220 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
5
Mitsubishi plans to release the following products in the M30220 group:
(1) Support for mask ROM version, flash memory version
(2) ROM capacity
(3) Package
144P6Q-A
: Plastic molded QFP (mask ROM and flash memory versions)
144PFB-A
: Plastic molded QFP(mask ROM and flash memory versions)
Figure 1.1.3 shows the ROM expansion and figure 1.1.4 shows the Type No., memory size, and package.
Figure 1.1.3. Memory expansion
6K
RAM
(Byte)
96K
ROM
(Byte)
M30220MA-XXXGP/RP
128K
10K
M30220FCGP/RP
Under development
Dec. 2001
Figure 1.1.4. Type No., memory size, and package
Type No. M30 22 0 M A
- XXX GP
Package type:
GP:
Package144P6Q-A
RP:
144PFB-A
ROM capacity:
8 : 64K bytes
C : 128K bytes
A : 96K bytes
ROM No.
Omitted for flash memory version
Memory type:
M : Mask ROM version
F : Flash memory version
Shows RAM capacity, pin count, etc.
(The value itself has no specific meaning)
M16C/22 Group(built-in LCDC)
M16C Family
Shows characteristic, use
None: General


Similar Part No. - M16C220MA-XXXRP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C221F3-XXXFP RENESAS-M16C221F3-XXXFP Datasheet
550Kb / 46P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C221F4-XXXFP RENESAS-M16C221F4-XXXFP Datasheet
550Kb / 46P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C221F8-XXXFP RENESAS-M16C221F8-XXXFP Datasheet
550Kb / 46P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C221FC-XXXFP RENESAS-M16C221FC-XXXFP Datasheet
550Kb / 46P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C221M3-XXXFP RENESAS-M16C221M3-XXXFP Datasheet
550Kb / 46P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M16C220MA-XXXRP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com