Electronic Components Datasheet Search |
|
M16CMST-XXXSP Datasheet(PDF) 6 Page - Renesas Technology Corp |
|
M16CMST-XXXSP Datasheet(HTML) 6 Page - Renesas Technology Corp |
6 / 172 page Mitsubishi microcomputers M30201 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Description 5 Table 1.1. Performance outline of M30201 group Performance Outline Table 1.1 is performance outline of M30201 group. Item Performance Number of basic instructions 91 instructions Shortest instruction execution time 100ns (f(XIN)=10MHz Memory ROM (See figure 4. ROM expansion.) capacity RAM (See figure 4. ROM expansion.) I/O port P0 to P7 43 lines Multifunction TA0 16 bits x 1 timer TB0, TB1 16 bits x 2 TX0, TX1, TX2 16 bits x 3 Serial I/O UART0 (UART or clock synchronous) x 1 UART1 UART x 1 A-D converter 10 bits x 8 channels (Expandable up to 13 channels) Watchdog timer 15 bits x 1 (with prescaler) Interrupt 13 internal and 3 external sources, 4 software sources Clock generating circuit 2 built-in clock generation circuits (built-in feedback resistor, and external ceramic or quartz oscillator) Supply voltage 4.0 to 5.5V (f(XIN)=10MHz) :mask ROM version 2.7 to 5.5V (f(XIN)=3.5MHz) :mask ROM version 4.0 to 5.5V (f(XIN)=10MHz) :flash memory version Power consumption 11mW (f(XIN)=3.5MHz , Vcc=3V) :mask ROM version 95mW (f(XIN)=10MHz, Vcc=5V) :flash memory version I/O I/O withstand voltage 5V characteristics Output current 5mA (15mA:LED drive port) Device configuration CMOS silicon gate Package 52-pin plastic mold SDIP 56-pin plastic mold QFP |
Similar Part No. - M16CMST-XXXSP |
|
Similar Description - M16CMST-XXXSP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |