Electronic Components Datasheet Search |
|
M38509FEA-XXXFP Datasheet(PDF) 6 Page - Renesas Technology Corp |
|
M38509FEA-XXXFP Datasheet(HTML) 6 Page - Renesas Technology Corp |
6 / 88 page Rev.2.10 2005.11.14 page 6 of 86 REJ03B0093-0210 3850 Group (Spec.A) Currently planning products are listed below. Table 3 Differences among 3850 group (standard), 3850 group (spec. H), and 3850 group (spec. A) Serial interface A/D converter Large current port Software pull-up resistor Maximum operating frequency 3850 group (standard) 1: Serial I/O (UART or Clock-synchronized) Unserviceable in low-speed mode Analog channel ............................. 5 5: P13–P17 Not available 8 MHz 3850 group (spec. H) 2: Serial I/O1 (UART or Clock-synchronized) Serial I/O2 (Clock-synchronized) Serviceable in low-speed mode Analog channel ................................ 5 8: P10–P17 Not available 8 MHz RAM size (bytes) Package Table 2 Support products (spec. A) Product name ROM size (bytes) ROM size for User in ( ) M38503M2A-XXXSP M38503M2A-XXXFP M38503M4A-XXXSP M38503M4A-XXXFP M38504M6A-XXXSP M38504M6A-XXXFP M38507F8ASP M38507F8AFP M38507M8A-XXXSP M38507M8A-XXXFP PRDP0042BA-A PRSP0042GA-B PRDP0042BA-A PRSP0042GA-B PRDP0042BA-A PRSP0042GA-B PRDP0042BA-A PRSP0042GA-B PRDP0042BA-A PRSP0042GA-B 8192 (8062) 512 16384 (16254) 512 24576 (24446) 3850 group (spec. A) 2: Serial I/O1 (UART or Clock-synchronized) Serial I/O2 (Clock-synchronized) Serviceable in low-speed mode Analog channel ................................ 9 8: P10–P17 Built-in (Port P0–P4) 12.5 MHz Notes on differences among 3850 group (standard), 3850 group (spec. H), and 3850 group (spec. A) (1) The absolute maximum ratings of 3850 group (spec. A) is smaller than that of 3850 group (standard). •Power source voltage Vcc = –0.3 to 6.5 V •CNVss input voltage VI = –0.3 to Vcc +0.3 V (2) The oscillation circuit constants of XIN-XOUT, XCIN-XCOUT may be some differences among 3850 group (standard), 3850 group (spec. H), and 3850 group (spec. A). (3) Do not write any data to the reserved area and the reserved bit. (Do not change the contents after reset.) (4) Fix bit 3 of the CPU mode register to “1”. (5) Be sure to perform the termination of unused pins. 32768 32768 (32635) 640 1024 1024 Remarks Mask ROM version Mask ROM version Mask ROM version Mask ROM version Mask ROM version Flash memory version Mask ROM version |
Similar Part No. - M38509FEA-XXXFP |
|
Similar Description - M38509FEA-XXXFP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |