Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M16C21M8FA-AXXXFP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M16C21M8FA-AXXXFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C21M8FA-AXXXFP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M16C21M8FA-AXXXFP Datasheet HTML 5Page - Renesas Technology Corp M16C21M8FA-AXXXFP Datasheet HTML 6Page - Renesas Technology Corp M16C21M8FA-AXXXFP Datasheet HTML 7Page - Renesas Technology Corp M16C21M8FA-AXXXFP Datasheet HTML 8Page - Renesas Technology Corp M16C21M8FA-AXXXFP Datasheet HTML 9Page - Renesas Technology Corp M16C21M8FA-AXXXFP Datasheet HTML 10Page - Renesas Technology Corp M16C21M8FA-AXXXFP Datasheet HTML 11Page - Renesas Technology Corp M16C21M8FA-AXXXFP Datasheet HTML 12Page - Renesas Technology Corp M16C21M8FA-AXXXFP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 179 page
background image
Mitsubishi microcomputers
M30218 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Memory
8
Operation of Functional Blocks
The M30218 group accommodates certain units in a single chip. These units include ROM and RAM to
store instructions and data and the central processing unit (CPU) to execute arithmetic/logic operations.
Also included are peripheral units such as timers, FLD controller, serial I/O, D-A converter, DMAC, CRC
calculation circuit, A-D converter, and I/O ports.
The following explains each unit.
Memory
Figure BA-1 is a memory map of the M30218 group. The address space extends the 1M bytes from ad-
dress 0000016 to FFFFF16. From FFFFF16 down is ROM. For example, in the M30218MC-AXXXFP, there
is 128K bytes of internal ROM from E000016 to FFFFF16. The vector table for fixed interrupts such as the
reset are mapped to FFFDC16 to FFFFF16. The starting address of the interrupt routine is stored here. The
address of the vector table for timer interrupts, etc., can be set as desired using the internal register (INTB).
See the section on interrupts for details.
From 0040016 up is RAM. For example, in the M30218MC-AXXXFP, there is 12K bytes of internal RAM
from 0040016 to 033FF16. In addition to storing data, the RAM also stores the stack used when calling
subroutines and when interrupts are generated. (From 0040016 to 004FF16 is RAM for SIO2. From 0050016
to 005DF16 is RAM for FLD.)
The SFR area is mapped to 0000016 to 003FF16. This area accommodates the control registers for periph-
eral devices such as I/O ports, A-D converter, serial I/O, and timers, etc. Any part of the SFR area that is not
occupied is reserved and cannot be used for other purposes.
The special page vector table is mapped to FFE0016 to FFFDB16. If the starting addresses of subroutines
or the destination addresses of jumps are stored here, subroutine call instructions and jump instructions
can be used as 2-byte instructions, reducing the number of program steps.
Figure BA-1. Memory map
0000016
XXXXX16
FFFFF16
0040016
0050016
005E016
YYYYY16
Internal ROM area
SFR area
(For details, see
Figures BA-2 and BA-3)
RAM area for SI/O2
FFE0016
FFFDC16
FFFFF16
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer
Reset
Special page
vector table
DBC
Type No.
Address
XXXXX16
M30218MC
M30218FC
E000016
Address
YYYYY16
033FF16
Internal RAM area
RAM area for FLD
(224 bytes)
M30217MA
E800016
017FF16


Similar Part No. - M16C21M8FA-AXXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C220F8-XXXGP RENESAS-M16C220F8-XXXGP Datasheet
3Mb / 221P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C220F8-XXXRP RENESAS-M16C220F8-XXXRP Datasheet
3Mb / 221P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C220FA-XXXGP RENESAS-M16C220FA-XXXGP Datasheet
3Mb / 221P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C220FA-XXXRP RENESAS-M16C220FA-XXXRP Datasheet
3Mb / 221P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C220M8-XXXGP RENESAS-M16C220M8-XXXGP Datasheet
3Mb / 221P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M16C21M8FA-AXXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com