Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38869ME-XXXHP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M38869ME-XXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38869ME-XXXHP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M38869ME-XXXHP Datasheet HTML 1Page - Renesas Technology Corp M38869ME-XXXHP Datasheet HTML 2Page - Renesas Technology Corp M38869ME-XXXHP Datasheet HTML 3Page - Renesas Technology Corp M38869ME-XXXHP Datasheet HTML 4Page - Renesas Technology Corp M38869ME-XXXHP Datasheet HTML 5Page - Renesas Technology Corp M38869ME-XXXHP Datasheet HTML 6Page - Renesas Technology Corp M38869ME-XXXHP Datasheet HTML 7Page - Renesas Technology Corp M38869ME-XXXHP Datasheet HTML 8Page - Renesas Technology Corp M38869ME-XXXHP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 111 page
background image
DESCRIPTION
The 3886 group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 3886 group is designed for controlling systems that require
analog signal processing and include two serial I/O functions, A-D
converters, D-A converters, system data bus interface function,
watchdog timer, and comparator circuit.
The multi-master I2C bus interface can be added by option.
FEATURES
<Microcomputer mode>
qBasic machine-language instructions ...................................... 71
qMinimum instruction execution time .................................. 0.4
µs
(at 10 MHz oscillation frequency)
qMemory size
ROM ................................................................. 32K to 60K bytes
RAM ............................................................... 1024 to 2048 bytes
qProgrammable input/output ports ............................................ 72
qSoftware pull-up resistors ................................................. Built-in
qInterrupts ................................................. 21 sources, 16 vectors
(Included key input interrupt)
qTimers ............................................................................. 8-bit ! 4
qSerial I/O1 .................... 8-bit ! 1(UART or Clock-synchronized)
qSerial I/O2 ................................... 8-bit ! 1(Clock-synchronized)
qPWM output circuit ....................................................... 14-bit ! 2
qBus interface .................................................................... 2 bytes
qI2C bus interface (option) ............................................. 1 channel
qA-D converter ............................................... 10-bit ! 8 channels
qD-A converter ................................................. 8-bit ! 2 channels
qComparator circuit ...................................................... 8 channels
qWatchdog timer ............................................................ 16-bit ! 1
qClock generating circuit ..................................... Built-in 2 circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
qPower source voltage
In high-speed mode .................................................. 4.0 to 5.5 V
(at 10 MHz oscillation frequency)
In middle-speed mode ........................................... 2.7 to 5.5 V(*)
(at 10 MHz oscillation frequency)
In low-speed mode ............................................... 2.7 to 5.5 V (*)
(at 32 kHz oscillation frequency)
(*: 4.0 to 5.5 V for Flash memory version)
3886 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
qPower dissipation
In high-speed mode .......................................................... 40 mW
(at 10 MHz oscillation frequency, at 5 V power source voltage)
In low-speed mode ............................................................ 60
µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
qMemory expansion possible (only for M38867M8A/E8A)
qOperating temperature range .................................... –20 to 85°C
<Flash memory mode>
qSupply voltage ................................................. VCC = 5 V ± 10 %
qProgram/Erase voltage ............................... VPP = 11.7 to 12.6 V
qProgramming method ...................... Programming in unit of byte
qErasing method
Batch erasing ........................................ Parallel/Serial I/O mode
Block erasing .................................... CPU reprogramming mode
qProgram/Erase control by software command
qNumber of times for programming/erasing ............................ 100
qOperating temperature range (at programming/erasing)
..................................................................... Normal temperature
sNotes
1. The flash memory version cannot be used for application em-
bedded in the MCU card.
2. Power source voltage Vcc of the flash memory version is 4.0
to 5.5 V.
APPLICATION
Household product, consumer electronics, communications, note
book PC, etc.


Similar Part No. - M38869ME-XXXHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M38869M8A-012HP MITSUBISHI-M38869M8A-012HP Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER???
M38869M8A-XXXGP MITSUBISHI-M38869M8A-XXXGP Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38869M8A-XXXHP MITSUBISHI-M38869M8A-XXXHP Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38869MCA-XXXGP MITSUBISHI-M38869MCA-XXXGP Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38869MCA-XXXHP MITSUBISHI-M38869MCA-XXXHP Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38869ME-XXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com