Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38868EE-XXXHP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M38868EE-XXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38868EE-XXXHP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M38868EE-XXXHP Datasheet HTML 5Page - Renesas Technology Corp M38868EE-XXXHP Datasheet HTML 6Page - Renesas Technology Corp M38868EE-XXXHP Datasheet HTML 7Page - Renesas Technology Corp M38868EE-XXXHP Datasheet HTML 8Page - Renesas Technology Corp M38868EE-XXXHP Datasheet HTML 9Page - Renesas Technology Corp M38868EE-XXXHP Datasheet HTML 10Page - Renesas Technology Corp M38868EE-XXXHP Datasheet HTML 11Page - Renesas Technology Corp M38868EE-XXXHP Datasheet HTML 12Page - Renesas Technology Corp M38868EE-XXXHP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 111 page
background image
8
3886 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
GROUP EXPANSION
Mitsubishi plans to expand the 3886 group as follows.
Memory Type
Support for mask ROM, One Time PROM, EPROM and flash
memory version.
Memory Size
ROM size ........................................................... 32 K to 60 K bytes
RAM size .......................................................... 1024 to 2048 bytes
Packages
80P6Q-A .................................. 0.5 mm-pitch plastic molded LQFP
80P6S-A ................................... 0.65mm pitch plastic molded QFP
80D0 ....................... 0.8 mm-pitch ceramic LCC (EPROM version)
The pin number and the position of the function pin may change
by the kind of package.
Fig. 6 Memory expansion plan
Currently products are listed below.
RAM size (bytes)
Remarks
Package
Table 3 Support products
Product name
As of Jan. 2000
32768 (32638)
49152 (19022)
61440 (61310)
(P) ROM size (bytes)
ROM size for User in (
)
Memory Expansion
M38867M8A-XXXHP
M38867E8A-XXXHP
M38867E8AHP
M38867E8AFS
M38869M8A-XXXHP
M38869M8A-XXXGP
M38869MCA-XXXHP
M38869MCA-XXXGP
M38869MFA-XXXHP
M38869MFA-XXXGP
M38869FFAHP
M38869FFAGP
1024
2048
80P6Q-A
80D0
80P6Q-A
80P6S-A
80P6Q-A
80P6S-A
80P6Q-A
80P6S-A
80P6Q-A
80P6S-A
Mask ROM version
One Time PROM version
One Time PROM version (blank)
EPROM version
Mask ROM version
Flash memory version
M38867E8A/M8A
48K
ROM size (bytes)
32K
28K
24K
20K
16K
12K
8K
3845126401408
768896
102411521280
1536
204830724032
60K
ROM
external
RAM size (bytes)
: Mass production
M38869FFA/MFA
M38869MCA
M38869M8A


Similar Part No. - M38868EE-XXXHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M38867E8A-XXXHP MITSUBISHI-M38867E8A-XXXHP Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38867E8AFS MITSUBISHI-M38867E8AFS Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER???
M38867E8AHP MITSUBISHI-M38867E8AHP Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER???
M38867E8AHP MITSUBISHI-M38867E8AHP Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38867E8FS MITSUBISHI-M38867E8FS Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38868EE-XXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com