Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74AC14TELL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74AC14TELL
Description  Hex Inverter Schmitt Trigger
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC14TELL Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74AC14TELL Datasheet HTML 1Page - Renesas Technology Corp HD74AC14TELL Datasheet HTML 2Page - Renesas Technology Corp HD74AC14TELL Datasheet HTML 3Page - Renesas Technology Corp HD74AC14TELL Datasheet HTML 4Page - Renesas Technology Corp HD74AC14TELL Datasheet HTML 5Page - Renesas Technology Corp HD74AC14TELL Datasheet HTML 6Page - Renesas Technology Corp HD74AC14TELL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HD74AC14
REJ03D0250-0300 Rev.3.00 Aug 31, 2007
Page 6 of 6
14
8
7
F
*1
*3
p
M
x
y
1
Index mark
b
Z
D
Terminal cross section
( Ni/Pd/Au plating )
p
b
1
Detail F
L
L
θ
A
L
e
e
c1
b1
D
E
A2
bp
c
θ
x
y
HE
Z
L1
8.65
1.08
0.25
6.10
0.15 0.20 0.25
0.46
0.10 0.14 0.25
3.95
0.40 0.60 1.27
1.75
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
9.05
A1
0.34 0.40
6.20
5.80
1.27
0.15
0.635
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
P-SOP14-3.95x8.65-1.27
0.13g
MASS[Typ.]
FP-14DNV
PRSP0014DE-A
RENESAS Code
JEITA Package Code
Previous Code
0.83
0.10
0.65
6.20
6.60
0.20
0.15
A1
5.30
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
1.10
0.6
0.5
0.4
4.40
0.10
0.07
0.03
0.25
0.20
0.15
0.10
6.40
0.13
1.0
5.00
L1
Z
HE
y
x
θ
c
bp
A2
E
D
b1
c1
e
e
L
A
Index mark
F
*1
*3
p
M
x
y
1
7
14
8
b
Z
D
p
Terminal cross section
( Ni/Pd/Au plating )
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
P-TSSOP14-4.4x5-0.65
0.05g
MASS[Typ.]
TTP-14DV
PTSP0014JA-B
RENESAS Code
JEITA Package Code
Previous Code


Similar Part No. - HD74AC14TELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74AC14TELL RENESAS-HD74AC14TELL Datasheet
141Kb / 9P
   Hex Inverter Schmitt Trigger
More results

Similar Description - HD74AC14TELL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74AC14 ONSEMI-MC74AC14 Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
logo
Texas Instruments
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
KODENSHI_AUK CORP.
KK74LS14 KODENSHI-KK74LS14 Datasheet
213Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
   HEX SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com