Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74AC165 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74AC165
Description  Parallel-Load 8-bit Shift Register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC165 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74AC165 Datasheet HTML 1Page - Renesas Technology Corp HD74AC165 Datasheet HTML 2Page - Renesas Technology Corp HD74AC165 Datasheet HTML 3Page - Renesas Technology Corp HD74AC165 Datasheet HTML 4Page - Renesas Technology Corp HD74AC165 Datasheet HTML 5Page - Renesas Technology Corp HD74AC165 Datasheet HTML 6Page - Renesas Technology Corp HD74AC165 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74AC165
Rev.2.00, Jul.16.2004, page 4 of 6
DC Characteristics
Ta = 25
°°°°C
Ta = –40 to
+85
°°°°C
Item
Sym-
bol
Vcc
(V)
min.
typ.
max.
min.
max.
Unit
Condition
3.0
2.1
1.5
2.1
4.5
3.15
2.25
3.15
V
IH
5.5
3.85
2.75
3.85
V
OUT = 0.1 V or VCC –0.1 V
3.0
1.50
0.9
0.9
4.5
2.25
1.35
1.35
Input Voltage
V
IL
5.5
2.75
1.65
1.65
V
V
OUT = 0.1 V or VCC –0.1 V
3.0
2.9
2.99
2.9
4.5
4.4
4.49
4.4
5.5
5.4
5.49
5.4
V
IN = VIL or VIH
I
OUT = –50 µA
3.0
2.58
2.48
I
OH = –12 mA
4.5
3.94
3.80
I
OH = –24 mA
V
OH
5.5
4.94
4.80
V
IN = VIL or VIH
I
OH = –24 mA
3.0
0.002
0.1
0.1
4.5
0.001
0.1
0.1
5.5
0.001
0.1
0.1
V
IN = VIL or VIH
I
OUT = 50 µA
3.0
0.32
0.37
I
OL = 12 mA
4.5
0.32
0.37
I
OL = 24 mA
Output voltage
V
OL
5.5
0.32
0.37
V
V
IN = VIL or VIH
I
OL = 24 mA
Input leakage
current
I
IN
5.5
±0.1
±1.0
µAV
IN = VCC or GND
I
OLD
5.5
——86
—mA
V
OLD = 1.1 V
Dynamic output
current*
I
OHD
5.5
–75
mA
V
OHD = 3.85 V
Quiescent supply
current
I
CC
5.5
8.0
80
µAV
IN = VCC or ground
*Maximum test duration 2.0 ms, one output loaded at a time.
AC Characteristics
Ta = +25°C
C
L = 50 pF
Ta = –40°C to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Min
Typ
Max
Min
Max
Unit
Maximum count
f
max
3.3
85
70
MHz
frequency
5.0
100
90
Propagation delay
t
PLH
3.3
1.0
11.0
17.5
1.0
20.5
ns
CP to Q
H or QH
5.0
1.0
8.0
11.5
1.0
13.5
Propagation delay
t
PHL
3.3
1.0
12.0
18.0
1.0
21.5
ns
CP to Q
H or QH
5.0
1.0
8.5
12.5
1.0
14.5
Propagation delay
t
PLH
3.3
1.0
13.5
19.5
1.0
22.5
ns
H to Q
H or QH
5.0
1.0
9.5
13.5
1.0
15.5
Propagation delay
t
PHL
3.3
1.0
9.0
14.0
1.0
16.5
ns
H to Q
H or QH
5.0
1.0
6.5
9.5
1.0
11.0
Propagation delay
t
PLH
3.3
1.0
11.5
20.5
1.0
23.5
ns
S
L to QH or QH
5.0
1.0
8.5
14.0
1.0
16.0
Propagation delay
t
PHL
3.3
1.0
10.0
16.5
1.0
19.5
ns
S
L to QH or QH
5.0
1.0
7.5
11.0
1.0
12.5
Note:
1. Voltage Range 3.3 is 3.3 V ± 0.3 V
Voltage Range 5.0 is 5.0 V ± 0.5 V


Similar Part No. - HD74AC165

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC165 HITACHI-HD74AC165 Datasheet
69Kb / 13P
   Parallel-Load 8-bit Shift Register
More results

Similar Description - HD74AC165

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
   Parallel-load 8-bit Shift Register
logo
Unisonic Technologies
U74HC165 UTC-U74HC165_15 Datasheet
276Kb / 7P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
U74HCT165 UTC-U74HCT165_15 Datasheet
259Kb / 8P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Texas Instruments
SN74HC166A-Q1 TI1-SN74HC166A-Q1 Datasheet
620Kb / 16P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC166A-EP TI1-SN74HC166A-EP Datasheet
384Kb / 13P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A_10 Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
logo
Hitachi Semiconductor
HD74LV165A HITACHI-HD74LV165A Datasheet
75Kb / 17P
   Parallel-Load 8-bit Shift Register
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_08 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A Datasheet
88Kb / 10P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_07 Datasheet
505Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com