Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5069 Datasheet(PDF) 3 Page - Mospec Semiconductor

Part # 2N5069
Description  POWER TRANSISTORS(5.0A,87.5W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2N5069 Datasheet(HTML) 3 Page - Mospec Semiconductor

  2N5069 Datasheet HTML 1Page - Mospec Semiconductor 2N5069 Datasheet HTML 2Page - Mospec Semiconductor 2N5069 Datasheet HTML 3Page - Mospec Semiconductor 2N5069 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A


Similar Part No. - 2N5069

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N5069 BOCA-2N5069 Datasheet
175Kb / 4P
   COMPLEMENTARY SILICON TRANSISTORS
logo
List of Unclassifed Man...
2N5069 ETC-2N5069 Datasheet
347Kb / 8P
   Power Transistors
logo
Inchange Semiconductor ...
2N5069 ISC-2N5069 Datasheet
131Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2N5069 SAVANTIC-2N5069 Datasheet
113Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N5069 JMNIC-2N5069 Datasheet
46Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2N5069

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC2908 MOSPEC-2SC2908 Datasheet
120Kb / 3P
   POWER TRANSISTORS(5.0A,100V,50W)
TIP120 MOSPEC-TIP120 Datasheet
206Kb / 4P
   POWER TRANSISTORS(5.0A,60-100V,65W)
BU207 MOSPEC-BU207 Datasheet
117Kb / 3P
   POWER TRANSISTORS(5.0A,1300-1500V,55W)
SF51 MOSPEC-SF51 Datasheet
127Kb / 2P
   POWER RECTIFIERS(5.0A, 50-400V)
SF57 MOSPEC-SF57 Datasheet
129Kb / 2P
   POWER RECTIFIERS(5.0A,500-1000V)
logo
Rohm
RCD051N20 ROHM-RCD051N20 Datasheet
788Kb / 14P
   Nch 200V 5.0A Power MOSFET
2SAR572D3 ROHM-2SAR572D3 Datasheet
1Mb / 11P
   PNP -5.0A -30V Power Transistor
logo
Mospec Semiconductor
MU51 MOSPEC-MU51 Datasheet
132Kb / 2P
   POWER RECTIFIERS(5.0A,50-400V)
MU57 MOSPEC-MU57 Datasheet
132Kb / 2P
   POWER RECTIFIERS(5.0A,500-1000V)
logo
Rohm
2SAR572D3FRA ROHM-2SAR572D3FRA Datasheet
1Mb / 10P
   PNP -5.0A -30V Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com