Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74AC195FPEL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74AC195FPEL
Description  4-bit Parallel-Access Shift Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC195FPEL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74AC195FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74AC195FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74AC195FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74AC195FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74AC195FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74AC195FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74AC195FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74AC195FPEL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74AC195
Rev.2.00, Jul.16.2004, page 4 of 7
Logic Diagram
PE
MR
CP
D3
D2
D1
D0
Q0
Q1
Q2
Q3
Q3
VCC
J
VCC
K
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Condition
Supply voltage
V
CC
–0.5 to 7
V
–20
mA
V
I = –0.5V
DC input diode current
I
IK
20
mA
V
I = Vcc+0.5V
DC input voltage
V
I
–0.5 to Vcc+0.5
V
–50
mA
V
O = –0.5V
DC output diode current
I
OK
50
mA
V
O = Vcc+0.5V
DC output voltage
V
O
–0.5 to Vcc+0.5
V
DC output source or sink current
I
O
±50
mA
DC V
CC or ground current per output pin
I
CC, IGND
±50
mA
Storage temperature
Tstg
–65 to +150
°C
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Condition
Supply voltage
V
CC
2 to 6
V
Input and output voltage
V
I, VO
0 to V
CC
V
Operating temperature
Ta
–40 to +85
°C
V
CC = 3.0V
V
CC = 4.5 V
Input rise and fall time
(except Schmitt inputs)
V
IN 30% to 70% VCC
tr, tf
8
ns/V
V
CC = 5.5 V


Similar Part No. - HD74AC195FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC195 HITACHI-HD74AC195 Datasheet
67Kb / 11P
   4-bit Parallel-Access Shift Register
More results

Similar Description - HD74AC195FPEL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F195A PHILIPS-74F195A Datasheet
74Kb / 10P
   4-bit parallel-access shift register
1996 Mar 12
logo
Hitachi Semiconductor
HD74HC195 HITACHI-HD74HC195 Datasheet
50Kb / 9P
   4-bit Parallel-Access Shift Register
logo
NXP Semiconductors
74HC195 PHILIPS-74HC195 Datasheet
67Kb / 9P
   4-bit parallel access shift register
December 1990
logo
Renesas Technology Corp
HD74HC195 RENESAS-HD74HC195 Datasheet
189Kb / 8P
   4-bit Parallel-Access Shift Register
logo
Motorola, Inc
MC74F195 MOTOROLA-MC74F195 Datasheet
91Kb / 4P
   4-BIT PARALLEL ACCESS SHIFT REGISTER
logo
Hitachi Semiconductor
HD74HC95 HITACHI-HD74HC95 Datasheet
44Kb / 8P
   4-bit Parallel Access Shift Register
logo
Renesas Technology Corp
HD74LS195A RENESAS-HD74LS195A Datasheet
188Kb / 8P
   4-bit Parallel-Access Shift Register
HD74LS95B RENESAS-HD74LS95B Datasheet
180Kb / 7P
   4-bit Parallel Access Shift Register
logo
Hitachi Semiconductor
HD74AC195 HITACHI-HD74AC195 Datasheet
67Kb / 11P
   4-bit Parallel-Access Shift Register
logo
NXP Semiconductors
74F199 PHILIPS-74F199 Datasheet
68Kb / 8P
   8-bit parallel-access shift register
June 15, 1988
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com