Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC126TELL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HC126TELL
Description  Quad. Bus Buffer Gates (with 3-state outputs)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC126TELL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HC126TELL Datasheet HTML 1Page - Renesas Technology Corp HD74HC126TELL Datasheet HTML 2Page - Renesas Technology Corp HD74HC126TELL Datasheet HTML 3Page - Renesas Technology Corp HD74HC126TELL Datasheet HTML 4Page - Renesas Technology Corp HD74HC126TELL Datasheet HTML 5Page - Renesas Technology Corp HD74HC126TELL Datasheet HTML 6Page - Renesas Technology Corp HD74HC126TELL Datasheet HTML 7Page - Renesas Technology Corp HD74HC126TELL Datasheet HTML 8Page - Renesas Technology Corp HD74HC126TELL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74HC125/HD74HC126
Rev.2.00, Oct 11, 2005 page 4 of 8
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
100
125
4.5
8
20
25
Propagation delay
time
tPLH, tPHL
6.0
17
21
ns
2.0
150
190
4.5
9
30
38
Output enable
Time
tZH, tZL
6.0
26
33
ns
2.0
150
190
4.5
14
30
38
Output disable
Time
tHZ, tLZ
6.0
26
33
ns
2.0
60
75
4.5
4
12
15
Output rise/fall
time
tTLH, tTHL
6.0
10
13
ns
Input capacitance
Cin
5
10
10
pF
Test Circuit
Output
OPEN
*1
See under table
GND
S1
1 k
VCC
Input
VCC
C = 50 pF
L
Z
= 50
OUT
VCC
TEST
S1
t
/t
PLH PHL
OPEN
GND
t
/t
ZH HZ
t
/t
ZL LZ
C
A
Y
Note: C includes the probe and jig capacitance.
L
Pulse generator


Similar Part No. - HD74HC126TELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC126TELL RENESAS-HD74HC126TELL Datasheet
145Kb / 11P
   Quad. Bus Buffer Gates (with 3-state outputs)
More results

Similar Description - HD74HC126TELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV126A RENESAS-HD74LV126A Datasheet
75Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LVC125A RENESAS-HD74LVC125A Datasheet
183Kb / 7P
   Quad. Bus Buffer Gates with 3-state Outputs
RD74LVC126B RENESAS-RD74LVC126B Datasheet
99Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A_15 Datasheet
100Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV126A HITACHI-HD74LV126A Datasheet
58Kb / 14P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74HC125 HITACHI-HD74HC125 Datasheet
49Kb / 10P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A HITACHI-HD74LVC125A Datasheet
40Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A Datasheet
80Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV125A HITACHI-HD74LV125A Datasheet
65Kb / 15P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A_15 Datasheet
105Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com