Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ACT244 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74ACT244
Description  Octal Buffer/Line Driver with 3-State Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ACT244 Datasheet(HTML) 7 Page - Renesas Technology Corp

  HD74ACT244 Datasheet HTML 1Page - Renesas Technology Corp HD74ACT244 Datasheet HTML 2Page - Renesas Technology Corp HD74ACT244 Datasheet HTML 3Page - Renesas Technology Corp HD74ACT244 Datasheet HTML 4Page - Renesas Technology Corp HD74ACT244 Datasheet HTML 5Page - Renesas Technology Corp HD74ACT244 Datasheet HTML 6Page - Renesas Technology Corp HD74ACT244 Datasheet HTML 7Page - Renesas Technology Corp HD74ACT244 Datasheet HTML 8Page - Renesas Technology Corp HD74ACT244 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HD74AC244/HD74ACT244
Rev.2.00, Jul.16.2004, page 7 of 8
Package Code
JEDEC
JEITA
Mass (reference value)
FP-20DAV
Conforms
0.31 g
*Ni/Pd/Au plating
*0.40 ± 0.06
0.12
0.15
M
20
10
1
0.80 Max
11
12.6
13 Max
0˚ – 8˚
0.70 ± 0.20
+ 0.20
– 0.30
7.80
1.27
1.15
As of January, 2003
Unit: mm
Package Code
JEDEC
JEITA
Mass (reference value)
FP-20DBV
Conforms
0.52 g
*Ni/Pd/Au plating
0.12
0.15
0˚ – 8˚
M
20
11
1
1.27
10
12.8
13.2 Max
*0.40 ± 0.06
+ 0.57
– 0.30
0.70
+ 0.25
– 0.40
10.40
1.45
0.935 Max
As of January, 2003
Unit: mm


Similar Part No. - HD74ACT244

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ACT244 HITACHI-HD74ACT244 Datasheet
54Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
More results

Similar Description - HD74ACT244

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC240 HITACHI-HD74AC240 Datasheet
55Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
logo
Renesas Technology Corp
HD74AC240 RENESAS-HD74AC240 Datasheet
124Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC244 HITACHI-HD74AC244 Datasheet
54Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
HD74AC241 HITACHI-HD74AC241 Datasheet
54Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
logo
Unisonic Technologies
U74HC244 UTC-U74HC244 Datasheet
193Kb / 5P
   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUT
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com