Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74AC373RPEL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74AC373RPEL
Description  Octal Transparent Latch with 3-State Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC373RPEL Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74AC373RPEL Datasheet HTML 1Page - Renesas Technology Corp HD74AC373RPEL Datasheet HTML 2Page - Renesas Technology Corp HD74AC373RPEL Datasheet HTML 3Page - Renesas Technology Corp HD74AC373RPEL Datasheet HTML 4Page - Renesas Technology Corp HD74AC373RPEL Datasheet HTML 5Page - Renesas Technology Corp HD74AC373RPEL Datasheet HTML 6Page - Renesas Technology Corp HD74AC373RPEL Datasheet HTML 7Page - Renesas Technology Corp HD74AC373RPEL Datasheet HTML 8Page - Renesas Technology Corp HD74AC373RPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev.2.00, Jul.16.2004, page 1 of 9
HD74AC373/HD74ACT373
Octal Transparent Latch with 3-State Output
REJ03D0273–0200Z
(Previous ADE-205-394 (Z))
Rev.2.00
Jul.16.2004
Description
The HD74AC373/HD74ACT373 consists of eight latches with 3-state outputs from bus organized system applications.
The flip-flops appear transparent to the data when Latch Enable (LE) is High. When LE is Low, the data that meets the
setup time is latched. Data appears on the bus when the Output Enable (
OE) is Low. When OE is High, the bus output
is in the high impedance state.
Features
• Eight Latches in a Single Package
• 3-State Outputs for Bus Interfacing
• Outputs Source/Sink 24 mA
• HD74AC373 has TTL-Compatible Inputs
• Ordering Information: Ex. HD74AC373
Part Name
Package Type
Package Code Package Abbreviation Taping Abbreviation (Quantity)
HD74AC373P
DIP-20 pin
DP-20N, -20NEV P
HD74AC373FPEL
SOP-20 pin (JEITA)
FP-20DAV
FP
EL (2,000 pcs/reel)
HD74AC373RPEL
SOP-20 pin (JEDEC) FP-20DBV
RP
EL (1,000 pcs/reel)
HD74AC373TELL
TSSOP-20 pin
TTP-20DAV
T
ELL (2,000 pcs/reel)
Notes: 1. Please consult the sales office for the above package availability.
2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of
the package code.


Similar Part No. - HD74AC373RPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC373 HITACHI-HD74AC373 Datasheet
63Kb / 11P
   Octal Transparent Latch with 3-State Output
More results

Similar Description - HD74AC373RPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC373 HITACHI-HD74AC373 Datasheet
63Kb / 11P
   Octal Transparent Latch with 3-State Output
logo
Fairchild Semiconductor
DM74ALS563A FAIRCHILD-DM74ALS563A Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Output
logo
Texas Instruments
CD54AC563 TI1-CD54AC563_16 Datasheet
1Mb / 17P
[Old version datasheet]   Octal transparent Latch, 3-state
logo
NXP Semiconductors
74ABT373A PHILIPS-74ABT373A Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
74F373 PHILIPS-74F373 Datasheet
93Kb / 12P
   Octal transparent latch 3-State
1994 Dec 05
logo
Texas Instruments
CD74ACT373M TI1-CD74ACT373M Datasheet
1Mb / 17P
[Old version datasheet]   OCTAL TRANSPARENT LATCH, 3-STATE
CD54-74AC563 TI-CD54-74AC563 Datasheet
240Kb / 8P
[Old version datasheet]   OCTAL TRANSPARENT LATCH, 3-STATE
CD54-74AC373 TI-CD54-74AC373 Datasheet
233Kb / 8P
[Old version datasheet]   OCTAL TRANSPARENT LATCH, 3-STATE
logo
NXP Semiconductors
74F573 PHILIPS-74F573 Datasheet
107Kb / 14P
   Octal transparent latch 3-State
1989 Oct 16
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com