Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ACT161FPEL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74ACT161FPEL
Description  Synchronous Presettable Binary Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ACT161FPEL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74ACT161FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74ACT161FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74ACT161FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74ACT161FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74ACT161FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74ACT161FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74ACT161FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74ACT161FPEL Datasheet HTML 8Page - Renesas Technology Corp HD74ACT161FPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74ACT161/HD74ACT163
Rev.2.00, Jul.16.2004, page 4 of 8
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Condition
Supply voltage
V
CC
–0.5 to 7
V
–20
mA
V
I = –0.5V
DC input diode current
I
IK
20
mA
V
I = Vcc+0.5V
DC input voltage
V
I
–0.5 to Vcc+0.5
V
–50
mA
V
O = –0.5V
DC output diode current
I
OK
50
mA
V
O = Vcc+0.5V
DC output voltage
V
O
–0.5 to Vcc+0.5
V
DC output source or sink current
I
O
±50
mA
DC V
CC or ground current per output pin
I
CC, IGND
±50
mA
Storage temperature
Tstg
–65 to +150
°C
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Condition
Supply voltage
V
CC
2 to 6
V
Input and output voltage
V
I, VO
0 to V
CC
V
Operating temperature
Ta
–40 to +85
°C
Input rise and fall time
(except Schmitt inputs)
V
IN 0.8 to 2.0 V
tr, tf
8
ns/V
V
CC = 4.5V
V
CC = 5.5V
DC Characteristics
Ta = 25
°°°°C
Ta = –40 to
+85
°°°°C
Item
Sym-
bol
V
CC
(V)
min.
typ.
max.
min.
max.
Unit
Condition
4.5
2.0
1.5
2.0
V
IH
5.5
2.0
1.5
2.0
V
OUT = 0.1 V or Vcc–0.1 V
4.5
1.5
0.8
0.8
Input voltage
V
IL
5.5
1.5
0.8
0.8
V
V
OUT = 0.1 V or Vcc–0.1 V
4.5
4.4
4.49
4.4
5.5
5.4
5.49
5.4
V
IN = VIL or VIH
I
OUT = –50 µA
4.5
3.94
3.80
I
OH = –24 mA
V
OH
5.5
4.94
4.80
V
IN = VIL
I
OH = –24 mA
4.5
0.001
0.1
0.1
5.5
0.001
0.1
0.1
V
IN = VIL or VIH
I
OUT = 50 µA
4.5
0.32
0.37
I
OL = 24 mA
Output voltage
V
OL
5.5
0.32
0.37
V
V
IN = VIL
I
OL = 24 mA
Input current
I
IN
5.5
±0.1
±1.0
µAV
IN = VCC or GND
I
CC/input current
I
CCT
5.5
0.6
1.5
mA
V
IN = VCC–2.1 V
I
OLD
5.5
86
mA
V
OLD = 1.1 V
Dynamic output
current*
I
OHD
5.5
–75
mA
V
OHD = 3.85 V
Quiescent supply
current
I
CC
5.5
8.0
80
µAV
IN = VCC or ground
*Maximum test duration 2.0 ms, one output loaded at a time.


Similar Part No. - HD74ACT161FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
More results

Similar Description - HD74ACT161FPEL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com