Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC21TELL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74HC21TELL
Description  Dual 4-input AND Gates
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC21TELL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74HC21TELL Datasheet HTML 1Page - Renesas Technology Corp HD74HC21TELL Datasheet HTML 2Page - Renesas Technology Corp HD74HC21TELL Datasheet HTML 3Page - Renesas Technology Corp HD74HC21TELL Datasheet HTML 4Page - Renesas Technology Corp HD74HC21TELL Datasheet HTML 5Page - Renesas Technology Corp HD74HC21TELL Datasheet HTML 6Page - Renesas Technology Corp HD74HC21TELL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HD74HC21
Rev.2.00, Oct 06, 2005 page 3 of 6
Electrical Characteristics
Ta = 25
°C
Ta = –40 to+85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
1.5
1.5
4.5
3.15
3.15
VIH
6.0
4.2
4.2
V
2.0
0.5
0.5
4.5
1.35
1.35
Input voltage
VIL
6.0
1.8
1.8
V
2.0
1.9
2.0
1.9
4.5
4.4
4.5
4.4
6.0
5.9
6.0
5.9
IOH = –20
µA
4.5
4.18
4.13
IOH = –4 mA
VOH
6.0
5.68
5.63
V
Vin = VIH or VIL
IOH = –5.2 mA
2.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
IOL = 20
µA
4.5
0.26
0.33
IOL = 4 mA
Output voltage
VOL
6.0
0.26
0.33
V
Vin = VIH or VIL
IOL = 5.2 mA
Input current
Iin
6.0
±0.1
±1.0
µA Vin = VCC or GND
Quiescent supply
current
ICC
6.0
1.0
10
µA Vin = VCC or GND, Iout = 0 µA
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
100
125
4.5
10
20
25
tPLH
6.0
17
21
ns
2.0
100
125
4.5
12
20
25
Propagation delay
time
tPHL
6.0
17
21
ns
2.0
75
95
4.5
5
15
19
Output rise time
tTLH
6.0
13
16
ns
2.0
75
95
4.5
5
15
19
Output fall time
tTHL
6.0
13
16
ns
Input capacitance
Cin
5
10
10
pF


Similar Part No. - HD74HC21TELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC21TELL RENESAS-HD74HC21TELL Datasheet
124Kb / 9P
   Dual 4-input AND Gates
More results

Similar Description - HD74HC21TELL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC21 HITACHI-HD74HC21 Datasheet
45Kb / 8P
   Dual 4-input AND Gates
logo
National Semiconductor ...
DM74LS21 NSC-DM74LS21 Datasheet
120Kb / 6P
   Dual 4-Input AND Gates
logo
Unisonic Technologies
U74HC21 UTC-U74HC21 Datasheet
172Kb / 5P
   DUAL 4-INPUT AND GATES
U74HCT21 UTC-U74HCT21_15 Datasheet
173Kb / 4P
   DUAL 4-INPUT AND GATES
logo
Renesas Technology Corp
HD74HC21 RENESAS-HD74HC21_15 Datasheet
124Kb / 9P
   Dual 4-input AND Gates
logo
Unisonic Technologies
U74AHC21 UTC-U74AHC21_15 Datasheet
161Kb / 4P
   DUAL 4-INPUT AND GATES
U74HCT21 UTC-U74HCT21 Datasheet
173Kb / 4P
   DUAL 4-INPUT AND GATES
U74HC21 UTC-U74HC21_15 Datasheet
165Kb / 5P
   DUAL 4-INPUT AND GATES
logo
List of Unclassifed Man...
GD74LS21 ETC1-GD74LS21 Datasheet
96Kb / 2P
   DUAL 4-INPUT POSITIVE AND GATES
logo
Renesas Technology Corp
HD74LS21 RENESAS-HD74LS21 Datasheet
55Kb / 5P
   Dual 4-input Positive AND Gates
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com