Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC133FPEL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC133FPEL
Description  13-input NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC133FPEL Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC133FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74HC133FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HC133FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC133FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC133FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC133FPEL Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.2.00, Oct 11, 2005 page 1 of 5
HD74HC133
13-input NAND Gate
REJ03D0568-0200
(Previous ADE-205-442)
Rev.2.00
Oct 11, 2005
Description
This device contains a single 13-input NAND gate. They perform the boolean functions in positive logic.
Y =
A•B•C•D•E•F•G•H•I•J•K•L•M or
Y =
A + B + C + D + E + F + G + H + I + J + K + L + M
Features
• High Speed Operation: t
pd = 12.5 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 1 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC133FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
HD74HC133RPEL
SOP-16 pin (JEDEC)
PRSP0016DG-A
(FP-16DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
A
B
C
D
E
F
G
H
I
J
K
L
M
Output
Y
H
H
H
H
H
H
H
H
H
H
H
H
H
L
L
X
X
X
X
X
X
X
X
X
X
X
X
H
X
L
X
X
X
X
X
X
X
X
X
X
X
H
X
X
L
X
X
X
X
X
X
X
X
X
X
H
X
X
X
L
X
X
X
X
X
X
X
X
X
H
X
X
X
X
L
X
X
X
X
X
X
X
X
H
X
X
X
X
X
L
X
X
X
X
X
X
X
H
X
X
X
X
X
X
L
X
X
X
X
X
X
H
X
X
X
X
X
X
X
L
X
X
X
X
X
H
X
X
X
X
X
X
X
X
L
X
X
X
X
H
X
X
X
X
X
X
X
X
X
L
X
X
X
H
X
X
X
X
X
X
X
X
X
X
L
X
X
H
X
X
X
X
X
X
X
X
X
X
X
L
X
H
X
X
X
X
X
X
X
X
X
X
X
X
L
H
H :
High level
L :
Low level
X :
Irrelevant


Similar Part No. - HD74HC133FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC133 HITACHI-HD74HC133 Datasheet
52Kb / 9P
   13-input NAND Gate
More results

Similar Description - HD74HC133FPEL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS133 NSC-54LS133 Datasheet
52Kb / 2P
   13-INPUT NAND GATE
logo
List of Unclassifed Man...
N74F133N602 ETC1-N74F133N602 Datasheet
85Kb / 8P
   13-input NAND gate
logo
Toshiba Semiconductor
TC74HC133AP TOSHIBA-TC74HC133AP_07 Datasheet
219Kb / 7P
   13-Input NAND Gate
logo
List of Unclassifed Man...
GD74HCT133 ETC1-GD74HCT133 Datasheet
165Kb / 4P
   13-INPUT NAND GATE
logo
National Semiconductor ...
MM74HC133 NSC-MM74HC133 Datasheet
149Kb / 4P
   13-Input NAND Gate
logo
Fairchild Semiconductor
DM74S133 FAIRCHILD-DM74S133 Datasheet
46Kb / 4P
   13-Input NAND Gate
logo
NXP Semiconductors
74F133 PHILIPS-74F133 Datasheet
51Kb / 4P
   13.input NAND Gate
July 2, 1993
logo
STMicroelectronics
M54HC133 STMICROELECTRONICS-M54HC133 Datasheet
237Kb / 10P
   13 INPUT NAND GATE
logo
NXP Semiconductors
74HC133 PHILIPS-74HC133 Datasheet
36Kb / 5P
   13-input NAND gate
September 1993
logo
Hitachi Semiconductor
HD74HC133 HITACHI-HD74HC133 Datasheet
52Kb / 9P
   13-input NAND Gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com