Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC161 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74HC161
Description  Synchronous Decade Counter (Direct Clear)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC161 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74HC161 Datasheet HTML 5Page - Renesas Technology Corp HD74HC161 Datasheet HTML 6Page - Renesas Technology Corp HD74HC161 Datasheet HTML 7Page - Renesas Technology Corp HD74HC161 Datasheet HTML 8Page - Renesas Technology Corp HD74HC161 Datasheet HTML 9Page - Renesas Technology Corp HD74HC161 Datasheet HTML 10Page - Renesas Technology Corp HD74HC161 Datasheet HTML 11Page - Renesas Technology Corp HD74HC161 Datasheet HTML 12Page - Renesas Technology Corp HD74HC161 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
HD74HC160, HD74HC161, HD74HC162, HD74HC163
Rev.2.00, Oct 11, 2005 page 9 of 14
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Supply voltage range
VCC
–0.5 to +7.0
V
Input voltage
VIN
–0.5 to VCC + 0.5
V
Output voltage
VOUT
–0.5 to VCC + 0.5
V
Output current
IOUT
±25
mA
DC current drain per VCC, GND
ICC, IGND
±50
mA
DC input diode current
IIK
±20
mA
DC output diode current
IOK
±20
mA
Power dissipation per package
PT
500
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
2 to 6
V
Input / Output voltage
VIN, VOUT
0 to VCC
V
Operating temperature
Ta
–40 to 85
°C
0 to 1000
VCC = 2.0 V
0 to 500
VCC = 4.5 V
Input rise / fall time
*1
tr, tf
0 to 400
ns
VCC = 6.0 V
Note:
1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.
Electrical Characteristics
Ta = 25
°C
Ta = –40 to+85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
1.5
1.5
4.5
3.15
3.15
VIH
6.0
4.2
4.2
V
2.0
0.5
0.5
4.5
1.35
1.35
Input voltage
VIL
6.0
1.8
1.8
V
2.0
1.9
2.0
1.9
4.5
4.4
4.5
4.4
6.0
5.9
6.0
5.9
IOH = –20
µA
4.5
4.18
4.13
IOH = –4 mA
VOH
6.0
5.68
5.63
V
Vin = VIH or VIL
IOH = –5.2 mA
2.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
IOL = 20
µA
4.5
0.26
0.33
IOL = 4 mA
Output voltage
VOL
6.0
0.26
0.33
V
Vin = VIH or VIL
IOL = 5.2 mA
Input current
Iin
6.0
±0.1
±1.0
µA Vin = VCC or GND
Quiescent supply
current
ICC
6.0
4.0
40
µA Vin = VCC or GND, Iout = 0 µA


Similar Part No. - HD74HC161

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC161 HITACHI-HD74HC161 Datasheet
90Kb / 16P
   Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
More results

Similar Description - HD74HC161

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS160A RENESAS-HD74LS160A Datasheet
203Kb / 11P
   Synchronous Decade Counter (direct clear)
logo
Hitachi Semiconductor
HD74HC160 HITACHI-HD74HC160 Datasheet
90Kb / 16P
   Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
logo
Renesas Technology Corp
HD74LS162A RENESAS-HD74LS162A Datasheet
201Kb / 11P
   Synchronous Decade Counter (synchronous clear)
logo
Hitachi Semiconductor
HD74LS160A HITACHI-HD74LS160A Datasheet
107Kb / 7P
   Synchronous Decade Counters(direct clear)
logo
National Semiconductor ...
74HC160 NSC-74HC160 Datasheet
148Kb / 6P
   Synchronous Decade Counter with Asynchronous Clear
logo
Hitachi Semiconductor
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
   Synchronous 4-bit Binary Counter (Direct Clear)
logo
Renesas Technology Corp
HD74LV161A RENESAS-HD74LV161A Datasheet
112Kb / 16P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LS163A RENESAS-HD74LS163A Datasheet
199Kb / 12P
   Synchronous 4-bit Binary Counter (direct clear)
HD74LV161A RENESAS-HD74LV161A_15 Datasheet
137Kb / 18P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LS161A RENESAS-HD74LS161A Datasheet
106Kb / 11P
   Synchronous 4-bit Binary Counter (direct clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com