Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M64894FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M64894FP
Description  Serial Input PLL Frequency Synthesizer for TV/VCR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M64894FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M64894FP Datasheet HTML 1Page - Renesas Technology Corp M64894FP Datasheet HTML 2Page - Renesas Technology Corp M64894FP Datasheet HTML 3Page - Renesas Technology Corp M64894FP Datasheet HTML 4Page - Renesas Technology Corp M64894FP Datasheet HTML 5Page - Renesas Technology Corp M64894FP Datasheet HTML 6Page - Renesas Technology Corp M64894FP Datasheet HTML 7Page - Renesas Technology Corp M64894FP Datasheet HTML 8Page - Renesas Technology Corp M64894FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev.2.00 Jun 14, 2006 page 1 of 12
M64894FP/GP
Serial Input PLL Frequency Synthesizer for TV/VCR
REJ03F0166-0200
Rev.2.00
Jun 14, 2006
Description
The M64894 is a semiconductor integrated circuit consisting of PLL frequency synthesizer for TV/VCR using I
2C BUS
control. It contains the prescaler with operating up to 1.3 GHz. 4 band drivers and tuning amplifier for direct tuning.
Built-in 4 band drivers.
Features
• 4 integrated PNP band drivers (I
O
= 40 mA, Vsat = 0.2 V Typ@V
CC1 to 13.2 V)
• Built-in high-withstanding voltage tuning Amplifier
• Low power dissipation (I
CC
= 20 mA, V
CC
= 5 V)
• Built-in prescaler with input amplifier (Fmax = 1.3 GHz)
• I2C bus control (Read and write mode)
• X’tal 4 MHz is used to realize 3 type of tuning steps (Division ratio 1/512, 1/640, 1/1024)
• Built-in 5-level A/D converter
• Programmable chip address
• 16-pin small SOP/SSOP package
Function
• 2-modulus prescaler (1/32 and 1/33)
• Built-in 4 MHz crystal oscillator and reference divider
• Programmable divider (10-bit M counter, 5-bit S counter)
• Tri-state phase comparator
• Lock detector
• Band switch driver
• Op.Amp for direct tuning
• I2C bus receiver
• 5-level A/D converter
Application
TV, VCR tuners
Recommended Operating Condition
• Supply voltage range
 V
CC1
= 4.5 to 5.5 V
 V
CC2
= V
CC1 to 13.2 V
 V
CC3
= 28 to 35 V
• Rated supply voltage
 V
CC1
= 5 V
 V
CC2
= 12 V
 V
CC3 = 33 V


Similar Part No. - M64894FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64894FP MITSUBISHI-M64894FP Datasheet
48Kb / 8P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
More results

Similar Description - M64894FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64893AFP MITSUBISHI-M64893AFP Datasheet
78Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
M64894FP MITSUBISHI-M64894FP Datasheet
48Kb / 8P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
M64893FP MITSUBISHI-M64893FP Datasheet
49Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
M64892AFP MITSUBISHI-M64892AFP Datasheet
52Kb / 8P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
M56770 MITSUBISHI-M56770 Datasheet
379Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR VCR
M54939 MITSUBISHI-M54939 Datasheet
344Kb / 6P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR VCR
M64092FP MITSUBISHI-M64092FP Datasheet
282Kb / 7P
   Serial input pll prequency synthesizer for TV/VCR
logo
Renesas Technology Corp
M64893AGP RENESAS-M64893AGP Datasheet
295Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHES IZER FOR TV/VCR
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com