Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC195 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74HC195
Description  4-bit Parallel-Access Shift Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC195 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74HC195 Datasheet HTML 1Page - Renesas Technology Corp HD74HC195 Datasheet HTML 2Page - Renesas Technology Corp HD74HC195 Datasheet HTML 3Page - Renesas Technology Corp HD74HC195 Datasheet HTML 4Page - Renesas Technology Corp HD74HC195 Datasheet HTML 5Page - Renesas Technology Corp HD74HC195 Datasheet HTML 6Page - Renesas Technology Corp HD74HC195 Datasheet HTML 7Page - Renesas Technology Corp HD74HC195 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HD74HC195
Rev.2.00 Jan 31, 2006 page 3 of 7
Logic Diagram
D
Shift/
Load
Clock
Clear
QD
QD
QC
QB
QA
CB
A
K
J
VCC
VCC
D
C
CQ
CL CL
D
C
CQ
CL CL
D
C
CQ
CL CL
D
C
CQ
CL CL
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage range
VCC
–0.5 to 7.0
V
Input / Output voltage
VIN, VOUT
–0.5 to VCC +0.5
V
Input / Output diode current
IIK, IOK
±20
mA
Output current
IO
±25
mA
VCC, GND current
ICC or IGND
±50
mA
Power dissipation
PT
500
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
2 to 6
V
Input / Output voltage
VIN, VOUT
0 to VCC
V
Operating temperature
Ta
–40 to 85
°C
0 to 1000
VCC = 2.0 V
0 to 500
VCC = 4.5 V
Input rise / fall time
*1
tr, tf
0 to 400
ns
VCC = 6.0 V
Notes: 1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.


Similar Part No. - HD74HC195

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC195 HITACHI-HD74HC195 Datasheet
50Kb / 9P
   4-bit Parallel-Access Shift Register
More results

Similar Description - HD74HC195

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F195A PHILIPS-74F195A Datasheet
74Kb / 10P
   4-bit parallel-access shift register
1996 Mar 12
logo
Hitachi Semiconductor
HD74HC195 HITACHI-HD74HC195 Datasheet
50Kb / 9P
   4-bit Parallel-Access Shift Register
logo
NXP Semiconductors
74HC195 PHILIPS-74HC195 Datasheet
67Kb / 9P
   4-bit parallel access shift register
December 1990
logo
Motorola, Inc
MC74F195 MOTOROLA-MC74F195 Datasheet
91Kb / 4P
   4-BIT PARALLEL ACCESS SHIFT REGISTER
logo
Hitachi Semiconductor
HD74HC95 HITACHI-HD74HC95 Datasheet
44Kb / 8P
   4-bit Parallel Access Shift Register
logo
Renesas Technology Corp
HD74LS195A RENESAS-HD74LS195A Datasheet
188Kb / 8P
   4-bit Parallel-Access Shift Register
HD74LS95B RENESAS-HD74LS95B Datasheet
180Kb / 7P
   4-bit Parallel Access Shift Register
HD74AC195 RENESAS-HD74AC195 Datasheet
217Kb / 8P
   4-bit Parallel-Access Shift Register
logo
Hitachi Semiconductor
HD74AC195 HITACHI-HD74AC195 Datasheet
67Kb / 11P
   4-bit Parallel-Access Shift Register
logo
NXP Semiconductors
74F199 PHILIPS-74F199 Datasheet
68Kb / 8P
   8-bit parallel-access shift register
June 15, 1988
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com