Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC620FPEL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74HC620FPEL
Description  Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC620FPEL Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74HC620FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HC620FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC620FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC620FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC620FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC620FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HC620FPEL Datasheet HTML 8Page - Renesas Technology Corp HD74HC620FPEL Datasheet HTML 9Page - Renesas Technology Corp HD74HC620FPEL Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HD74HC620, HD74HC623
Rev.2.00 Mar 30, 2006 page 6 of 11
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
100
125
4.5
12
20
25
Propagation delay
time
tPLH
tPHL
6.0
17
21
ns
2.0
150
190
4.5
12
30
38
Output enable
time
tZH
tZL
6.0
26
33
ns
2.0
150
190
4.5
16
30
38
Output disable
time
tHZ
tLZ
6.0
26
33
ns
2.0
60
75
4.5
4
12
15
Output rise/fall
time
tTLH
tTHL
6.0
10
13
ns
Input capacitance
Cin
5
10
10
pF
Test Circuit
HD74HC620
VCC
A1
OPEN
GND
C =
50 pF
GBA
GAB
B1
Zout = 50
S1
1 k
VCC
VCC
VCC
S2
L
TEST
S2
t
/ t
PLH
PHL
OPEN
GND
t
/ t
ZH
HZ
t
/ t
ZL
LZ
Output
Input
Pulse Generator
Notes : 1. CL includes probe and jig capacitance.
2. A2–B2, A3–B3, A4–B4, A5–B5, A6–B6, A7–B7, A8–B8 are identical to above load circuit.
3. S1 is a input / output swich.


Similar Part No. - HD74HC620FPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620FPEL RENESAS-HD74HC620FPEL Datasheet
149Kb / 14P
   Octal Bus Transceivers (with inverted 3-state outputs)
More results

Similar Description - HD74HC620FPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74HC620 HITACHI-HD74HC620 Datasheet
60Kb / 10P
   Octal Bus Transceivers(with inverted 3-state outputs)
HD74HCT620 HITACHI-HD74HCT620 Datasheet
58Kb / 9P
   Octal Bus Transceivers (with inverted 3-state outputs)/
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620_15 Datasheet
149Kb / 14P
   Octal Bus Transceivers (with inverted 3-state outputs)
HD74HCT620 RENESAS-HD74HCT620 Datasheet
206Kb / 9P
   Octal Bus Transceivers (with inverted 3-state outputs)
HD74LS640 RENESAS-HD74LS640 Datasheet
80Kb / 7P
   Octal Bus Transceivers (inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74LS640-1 HITACHI-HD74LS640-1 Datasheet
59Kb / 5P
   Octal Bus Transceivers(inverted 3-state outputs)
HD74LS640 HITACHI-HD74LS640 Datasheet
71Kb / 7P
   Octal Bus Transceivers(inverted 3-state outputs)
HD74HC651 HITACHI-HD74HC651 Datasheet
55Kb / 9P
   Octal Bus Transceivers/Registers(with inverted 3-state outputs)
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com