Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSN278WK Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HSN278WK
Description  Silicon Epitaxial Schottky Barrier Diode for Detector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSN278WK Datasheet(HTML) 3 Page - Renesas Technology Corp

  HSN278WK Datasheet HTML 1Page - Renesas Technology Corp HSN278WK Datasheet HTML 2Page - Renesas Technology Corp HSN278WK Datasheet HTML 3Page - Renesas Technology Corp HSN278WK Datasheet HTML 4Page - Renesas Technology Corp HSN278WK Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HSN278WK
Rev.1.00 Sep 13, 2005 page 3 of 4
Main Characteristic
Fig.1 Forward current vs. Forward voltage
Fig.2 Reverse current vs. Reverse voltage
Fig.3 Capacitance vs. Reverse voltage
1.0
Forward voltage VF (V)
Reverse voltage VR (V)
Reverse voltage VR (V)
0
0.1
10
10
0.1
1.0
15
20
10
00.8
0.2
0.4
0.6
10
1
10
8
10
8
10
7
10
6
10
5
10
4
10
7
10
6
10
5
10
4
10
3
10
2
10
1
10
0
1.0
Ta = 25
°C
Ta = 25
°C
Ta = 75
°C
5
f=1MHz
Ta = 75
°C


Similar Part No. - HSN278WK

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
HSN2000 MAXWELL-HSN2000 Datasheet
167Kb / 4P
   Nuclear Event Detector
HSN2000F MAXWELL-HSN2000F Datasheet
167Kb / 4P
   Nuclear Event Detector
HSN2000L MAXWELL-HSN2000L Datasheet
167Kb / 4P
   Nuclear Event Detector
logo
Ohmite Mfg. Co.
HSN250F2R5E OHMITE-HSN250F2R5E Datasheet
210Kb / 2P
   Aluminum Housed Axial Terminal Wirewound, Industrial/Commercial Grade
HSN250FR05E OHMITE-HSN250FR05E Datasheet
201Kb / 1P
   HSN100FR05E Wirewound, Industrial/Commercial Grade
More results

Similar Description - HSN278WK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKD705WKKR RENESAS-RKD705WKKR Datasheet
74Kb / 5P
   Silicon Epitaxial Schottky Barrier Diode for Detector
HSL278 RENESAS-HSL278 Datasheet
145Kb / 5P
   Silicon Schottky Barrier Diode for Detector
HSL285 RENESAS-HSL285 Datasheet
54Kb / 5P
   Silicon Schottky Barrier Diode for Detector
HSL276A RENESAS-HSL276A Datasheet
144Kb / 5P
   Silicon Schottky Barrier Diode for Detector
HSD276A RENESAS-HSD276A Datasheet
142Kb / 5P
   Silicon Schottky Barrier Diode for Detector
HSC278 RENESAS-HSC278 Datasheet
142Kb / 5P
   Silicon Schottky Barrier Diode for Detector
HSD278 RENESAS-HSD278 Datasheet
142Kb / 5P
   Silicon Schottky Barrier Diode for Detector
HSB278S RENESAS-HSB278S Datasheet
78Kb / 5P
   Silicon Schottky Barrier Diode for Detector
logo
Hitachi Semiconductor
HSD276A HITACHI-HSD276A Datasheet
37Kb / 5P
   Silicon Schottky Barrier Diode for Detector
logo
Renesas Technology Corp
HSC285 RENESAS-HSC285_06 Datasheet
52Kb / 5P
   Silicon Schottky Barrier Diode for Detector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com