Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5N5016PL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # H5N5016PL
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N5016PL Datasheet(HTML) 6 Page - Renesas Technology Corp

  H5N5016PL Datasheet HTML 1Page - Renesas Technology Corp H5N5016PL Datasheet HTML 2Page - Renesas Technology Corp H5N5016PL Datasheet HTML 3Page - Renesas Technology Corp H5N5016PL Datasheet HTML 4Page - Renesas Technology Corp H5N5016PL Datasheet HTML 5Page - Renesas Technology Corp H5N5016PL Datasheet HTML 6Page - Renesas Technology Corp H5N5016PL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
H5N5016PL
Rev.2.00, Jul.02.2004, page 6 of 6
Package Dimensions
20.0 ± 0.3
φ3.3 ± 0.2
1.4
2.2
3.0
1.2
5.45 ± 0.5
5.45 ± 0.5
1.0
3.8
7.4
2.8 ± 0.2
0.6
5.0 ± 0.2
+0.25
–0.1
+0.25
–0.1
Package Code
JEDEC
JEITA
Mass (reference value)
TO-3PL
9.9 g
As of January, 2003
Unit: mm
Ordering Information
Part Name
Quantity
Shipping Container
H5N5016PL
100 pcs
Plastic case
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.


Similar Part No. - H5N5016PL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E Datasheet
254Kb / 8P
   500V - 50A - MOS FET High Speed Power Switching
Nov.4.2021
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E_15 Datasheet
97Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
H5N5016PL RENESAS-H5N5016PL_15 Datasheet
144Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - H5N5016PL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com