Electronic Components Datasheet Search |
|
HAT2199R-EL-E Datasheet(PDF) 1 Page - Renesas Technology Corp |
|
HAT2199R-EL-E Datasheet(HTML) 1 Page - Renesas Technology Corp |
1 / 8 page Rev.3.00, Sep.23.2004, page 1 of 7 HAT2199R Silicon N Channel Power MOS FET Power Switching REJ03G0063-0300 Rev.3.00 Sep.23.2004 Features • High speed switching • Capable of 4.5 V gate drive • Low drive current • High density mounting • Low on-resistance RDS(on) = 13.0 mΩ typ. (at VGS = 10 V) Outline SOP-8 1 2 3 4 5 6 7 8 1, 2, 3 Source 4 Gate 5, 6, 7, 8 Drain G D SSS D DD 4 1 23 56 7 8 Absolute Maximum Ratings (Ta = 25°C) Item Symbol Ratings Unit Drain to source voltage VDSS 30 V Gate to source voltage VGSS ±20 V Drain current ID 11 A Drain peak current ID(pulse) Note1 88 A Body-drain diode reverse drain current IDR 11 A Avalanche current IAP Note 2 11 A Avalanche energy EAR Note 2 12.1 mJ Channel dissipation Pch Note3 2.0 W Channel to ambient thermal impedance θch-a Note3 62.5 °C/W Channel temperature Tch 150 °C Storage temperature Tstg –55 to +150 °C Notes: 1. PW ≤ 10 µs, duty cycle ≤ 1% 2. Value at Tch = 25 °C, Rg ≥ 50 Ω 3. When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW ≤ 10s |
Similar Part No. - HAT2199R-EL-E |
|
Similar Description - HAT2199R-EL-E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |