Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT2201WP-EL-E Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HAT2201WP-EL-E
Description  Silicon N Channel Power MOS FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2201WP-EL-E Datasheet(HTML) 4 Page - Renesas Technology Corp

  HAT2201WP-EL-E Datasheet HTML 1Page - Renesas Technology Corp HAT2201WP-EL-E Datasheet HTML 2Page - Renesas Technology Corp HAT2201WP-EL-E Datasheet HTML 3Page - Renesas Technology Corp HAT2201WP-EL-E Datasheet HTML 4Page - Renesas Technology Corp HAT2201WP-EL-E Datasheet HTML 5Page - Renesas Technology Corp HAT2201WP-EL-E Datasheet HTML 6Page - Renesas Technology Corp HAT2201WP-EL-E Datasheet HTML 7Page - Renesas Technology Corp HAT2201WP-EL-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HAT2201WP
REJ03G1679-0300 Rev.3.00 May 27, 2008
Page 4 of 7
Case Temperature Tc (°C)
Static Drain to Source on State Resistance
vs. Temperature
100
80
60
40
20
-25
0
50
25
100
75
125
150
0
1 A, 2 A, 5 A
ID = 1 A, 2 A, 5 A
VGS = 8 V
10 V
Pulse Test
Drain Current ID (A)
Forward Transfer Admittance vs.
Drain Current
330
0.1
1
10
100
0.3
10
100
1
0.1
Tc = –25°C
VDS = 10 V
Pulse Test
75°C
25°C
Reverse Drain Current IDR (A)
Body–Drain Diode Reverse
Recovery Time
1
10
100
100
20
50
10
0.1
di/dt = 100 A/
µs
VGS = 0, Ta = 25°C
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
010
20
30
50
40
10000
3000
1000
300
100
30
10
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
Gate Charge Qg (nc)
Dynamic Input Characteristics
250
200
150
100
50
0
20
16
12
8
4
816
24
32
40
0
ID = 15 A
VGS
VDS
VDS = 100 V
50 V
25 V
VDS = 100 V
50 V
25 V
Drain Current ID (A)
Switching Characteristics
100
10
1
1
10
100
0.1
1000
VGS = 10 V, VDS = 30 V
Rg = 4.7
Ω, duty ≤ 1 %
td(on)
td(off)
tr
tf


Similar Part No. - HAT2201WP-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2201WP-EL-E RENESAS-HAT2201WP-EL-E Datasheet
90Kb / 8P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - HAT2201WP-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com