Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV2G04A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LV2G04A
Description  Triple Inverters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV2G04A Datasheet(HTML) 7 Page - Renesas Technology Corp

  HD74LV2G04A Datasheet HTML 1Page - Renesas Technology Corp HD74LV2G04A Datasheet HTML 2Page - Renesas Technology Corp HD74LV2G04A Datasheet HTML 3Page - Renesas Technology Corp HD74LV2G04A Datasheet HTML 4Page - Renesas Technology Corp HD74LV2G04A Datasheet HTML 5Page - Renesas Technology Corp HD74LV2G04A Datasheet HTML 6Page - Renesas Technology Corp HD74LV2G04A Datasheet HTML 7Page - Renesas Technology Corp HD74LV2G04A Datasheet HTML 8Page - Renesas Technology Corp HD74LV2G04A Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HD74LV2G04A
Rev.3.00, Sep.22.2003, page 7 of 8
Test Circuit
Pulse
generator
C
L
Input
Output
VCC
50
Note: 1. CL includes probe and jig capacitance.
Input
Output
90%
50%
10%
50%
tPHL
tPLH
VCC
GND
VOH
VOL
tr
tf
90%
50%
10%
50%
• Waveforms
Notes: 1. Input waveform : PRR
≤ 1 MHz, Zo = 50 Ω, t
r ≤ 3 ns, tf ≤ 3 ns.
2. The output are measured one at a time with one transition per measurement.


Similar Part No. - HD74LV2G04A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV2G04A HITACHI-HD74LV2G04A Datasheet
98Kb / 9P
   Triple Inverters
More results

Similar Description - HD74LV2G04A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC3G04 RENESAS-HD74LVC3G04 Datasheet
2Mb / 9P
   Triple Inverters
logo
Hitachi Semiconductor
HD74LV2G04A HITACHI-HD74LV2G04A Datasheet
98Kb / 9P
   Triple Inverters
logo
Renesas Technology Corp
HD74LV2GU04A RENESAS-HD74LV2GU04A Datasheet
84Kb / 9P
   Triple Unbuffered Inverters
HD74LV2GU04A RENESAS-HD74LV2GU04A_15 Datasheet
108Kb / 11P
   Triple Unbuffered Inverters
HD74LV2GT04A RENESAS-HD74LV2GT04A_15 Datasheet
107Kb / 10P
   Triple Inverters / CMOS Logic Level Shifter
HD74LV2G14A RENESAS-HD74LV2G14A Datasheet
85Kb / 9P
   Triple Inverters with Schmitt-trigger Inputs
HD74LV2G14A RENESAS-HD74LV2G14A_15 Datasheet
109Kb / 11P
   Triple Inverters with Schmitt?뱓rigger Inputs
HD74LV2GT14A RENESAS-HD74LV2GT14A_15 Datasheet
110Kb / 12P
   Triple Inverters with Schmitt-trigger Inputs /CMOS Logic Level Shifter
HD74LV2GT14A RENESAS-HD74LV2GT14A Datasheet
86Kb / 10P
   Triple Inverters with Schmitt-trigger Inputs / CMOS Logic Level Shifter
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com