Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV2G240AUSE Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LV2G240AUSE
Description  Dual Bus Buffer Inverted with 3-state Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV2G240AUSE Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LV2G240AUSE Datasheet HTML 1Page - Renesas Technology Corp HD74LV2G240AUSE Datasheet HTML 2Page - Renesas Technology Corp HD74LV2G240AUSE Datasheet HTML 3Page - Renesas Technology Corp HD74LV2G240AUSE Datasheet HTML 4Page - Renesas Technology Corp HD74LV2G240AUSE Datasheet HTML 5Page - Renesas Technology Corp HD74LV2G240AUSE Datasheet HTML 6Page - Renesas Technology Corp HD74LV2G240AUSE Datasheet HTML 7Page - Renesas Technology Corp HD74LV2G240AUSE Datasheet HTML 8Page - Renesas Technology Corp HD74LV2G240AUSE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HD74LV2G240A
Rev.4.00, Sep.30.2003, page 3 of 9
Pin Arrangement
(Top view)
8VCC
1
72
OE
6
Y1
5A2
1
OE
2
A1
3
Y2
4
GND
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Test Conditions
Supply voltage range
VCC
–0.5 to 7.0
V
Input voltage range
*1
VI
–0.5 to 7.0
V
–0.5 to VCC + 0.5
Output : H or L
Output voltage range
*1, 2
VO
–0.5 to 7.0
V
VCC : OFF or output : Z
Input clamp current
IIK
–20
mA
VI < 0
Output clamp current
IOK
±50
mA
VO < 0 or VO > VCC
Continuous output current
IO
±25
mA
VO = 0 to VCC
Continuous current through
VCC or GND
ICC or IGND
±50
mA
Maximum power dissipation
at Ta = 25°C (in still air)
*3
PT
200
mW
Storage temperature
Tstg
–65 to 150
°C
Notes:
The absolute maximum ratings are values, which must not individually be exceeded, and
furthermore no two of which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current
ratings are observed.
2. This value is limited to 5.5 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150°C.


Similar Part No. - HD74LV2G240AUSE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2G240A RENESAS-HD74LV2G240A_15 Datasheet
121Kb / 12P
   Dual Bus Buffer Inverted with 3?뱒tate Output
More results

Similar Description - HD74LV2G240AUSE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC2G240 RENESAS-HD74ALVC2G240_15 Datasheet
131Kb / 15P
   Dual Bus Buffer Inverted with 3-state Output
HD74ALVC2G240 RENESAS-HD74ALVC2G240 Datasheet
105Kb / 13P
   Dual Bus Buffer Inverted with 3-state Output
HD74ALVC1G240 RENESAS-HD74ALVC1G240_15 Datasheet
122Kb / 15P
   Bus Buffer Inverted with 3-state Output
HD74ALVC1G240 RENESAS-HD74ALVC1G240 Datasheet
97Kb / 13P
   Bus Buffer Inverted with 3-state Output
RD74LVC1G240 RENESAS-RD74LVC1G240 Datasheet
1Mb / 8P
   Bus Buffer Inverted with 3-state Output
RD74VT1G240 RENESAS-RD74VT1G240 Datasheet
2Mb / 10P
   Bus Buffer Inverted with 3-state Output / Dual Supply Voltage Translator
HD74LV2G240A RENESAS-HD74LV2G240A_15 Datasheet
121Kb / 12P
   Dual Bus Buffer Inverted with 3?뱒tate Output
logo
STMicroelectronics
74V2G241 STMICROELECTRONICS-74V2G241 Datasheet
105Kb / 9P
   DUAL BUS BUFFER NON INVERTED (3-STATE)
74V2T241 STMICROELECTRONICS-74V2T241 Datasheet
152Kb / 8P
   DUAL BUS BUFFER NON INVERTED (3-STATE)
logo
Toshiba Semiconductor
TC7WH240FU TOSHIBA-TC7WH240FU Datasheet
215Kb / 7P
   DUAL BUS BUFFER INVERTED, 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com