Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC241RPEL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HC241RPEL
Description  Octal Buffers/Line Drivers/Line Receivers (with noninverted 3-state outputs)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC241RPEL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HC241RPEL Datasheet HTML 1Page - Renesas Technology Corp HD74HC241RPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HC241RPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC241RPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC241RPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC241RPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC241RPEL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74HC241
Rev.2.00 Jan 31, 2006 page 4 of 6
Switching Characteristics
(CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25°C
Ta = –40 to +85°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
90
115
4.5
12
18
23
tPHL
6.0
15
20
ns
2.0
90
115
4.5
10
18
23
Propagation delay
time
tPLH
6.0
15
20
ns
2.0
150
190
4.5
11
30
38
tZL
6.0
26
33
ns
2.0
150
190
4.5
12
30
38
Output enable time
tZH
6.0
26
33
ns
2.0
150
190
4.5
16
30
38
tLZ
6.0
26
33
ns
2.0
150
190
4.5
19
30
38
Output disable
time
tHZ
6.0
26
33
ns
2.0
60
75
4.5
4
12
15
Output rise/fall
time
tTLH
tTHL
6.0
10
13
ns
Input capacitance
Cin
5
10
10
pF
Test Circuit
VCC
OPEN
GND
C =
50 pF
1
G, 2G
Zout = 50
1 k
VCC
VCC
VCC
S1
L
TEST
S1
t
/ t
PLH
PHL
OPEN
GND
t
/ t
ZH
HZ
t
/ t
ZL
LZ
1A1 to 2A4
1Y1 to 2Y4
Input
Output
Note : 1. CL includes probe and jig capacitance.
Pulse Generator


Similar Part No. - HD74HC241RPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC241 HITACHI-HD74HC241 Datasheet
58Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers(with noninverted 3-state outputs)
More results

Similar Description - HD74HC241RPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT241 HITACHI-HD74HCT241 Datasheet
58Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers(with noninverted 3-state outputs)
HD74HC244 HITACHI-HD74HC244 Datasheet
61Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers(with noninverted 3-state outputs)
logo
Renesas Technology Corp
HD74HC244 RENESAS-HD74HC244 Datasheet
108Kb / 8P
   Octal Buffers/Line Drivers/Line Receivers (with noninverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HCT244 HITACHI-HD74HCT244 Datasheet
58Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers(noninverted 3-state outputs)
HD74HC241 HITACHI-HD74HC241 Datasheet
58Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers(with noninverted 3-state outputs)
HD74HCT240 HITACHI-HD74HCT240 Datasheet
59Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)
HD74HC240 HITACHI-HD74HC240 Datasheet
61Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HC240 RENESAS-HD74HC240_15 Datasheet
131Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC244 RENESAS-HD74HC244_15 Datasheet
129Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HCT244 RENESAS-HD74HCT244_15 Datasheet
122Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com