Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC354 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HC354
Description  8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC354 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HC354 Datasheet HTML 1Page - Renesas Technology Corp HD74HC354 Datasheet HTML 2Page - Renesas Technology Corp HD74HC354 Datasheet HTML 3Page - Renesas Technology Corp HD74HC354 Datasheet HTML 4Page - Renesas Technology Corp HD74HC354 Datasheet HTML 5Page - Renesas Technology Corp HD74HC354 Datasheet HTML 6Page - Renesas Technology Corp HD74HC354 Datasheet HTML 7Page - Renesas Technology Corp HD74HC354 Datasheet HTML 8Page - Renesas Technology Corp HD74HC354 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HD74HC354
Rev.2.00 Jan 31, 2006 page 4 of 9
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
2 to 6
V
Input / Output voltage
VIN, VOUT
0 to VCC
V
Operating temperature
Ta
–40 to 85
°C
0 to 1000
VCC = 2.0 V
0 to 500
VCC = 4.5 V
Input rise / fall time
*1
tr, tf
0 to 400
ns
VCC = 6.0 V
Notes: 1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.
Electrical Characteristics
Ta = 25°C
Ta = –40 to+85°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
1.5
1.5
4.5
3.15
3.15
VIH
6.0
4.2
4.2
V
2.0
0.5
0.5
4.5
1.35
1.35
Input voltage
VIL
6.0
1.8
1.8
V
2.0
1.9
2.0
1.9
4.5
4.4
4.5
4.4
6.0
5.9
6.0
5.9
IOH = –20
µA
4.5
4.18
4.13
IOH = –6 mA
VOH
6.0
5.68
5.63
V
Vin = VIH or VIL
IOH = –7.8 mA
2.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
IOL = 20
µA
4.5
0.26
0.33
IOH = 6 mA
Output voltage
VOL
6.0
0.26
0.33
V
Vin = VIH or VIL
IOH = 7.8 mA
Off-state output
current
IOZ
6.0
±0.5
±5.0
µA Vin = VIH or VIL,
Vout = VCC or GND
Input current
Iin
6.0
±0.1
±1.0
µA Vin = VCC or GND
Quiescent supply
current
ICC
6.0
4.0
40
µA Vin = VCC or GND, Iout = 0 µA


Similar Part No. - HD74HC354

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC354 HITACHI-HD74HC354 Datasheet
64Kb / 10P
   8-to-1-line Data Selectors/Multiplexer Register(with 3-state outputs)
More results

Similar Description - HD74HC354

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC354 TI-CD54HC354 Datasheet
168Kb / 14P
[Old version datasheet]   8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
logo
Renesas Technology Corp
HD74HC356 RENESAS-HD74HC356 Datasheet
201Kb / 9P
   8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
logo
Texas Instruments
CD54HC354 TI-CD54HC354_07 Datasheet
246Kb / 15P
[Old version datasheet]   8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
logo
Hitachi Semiconductor
HD74HC356 HITACHI-HD74HC356 Datasheet
65Kb / 10P
   8-to-1-line Data Selectors/Multiplexer/Register(with 3-state outputs)
HD74HC354 HITACHI-HD74HC354 Datasheet
64Kb / 10P
   8-to-1-line Data Selectors/Multiplexer Register(with 3-state outputs)
logo
Texas Instruments
SN74HC253-Q1 TI1-SN74HC253-Q1 Datasheet
197Kb / 11P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC257A-Q1 TI1-SN74LVC257A-Q1 Datasheet
224Kb / 11P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74ACT11257 TI1-74ACT11257_09 Datasheet
425Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
APRIL 1996
74ACT11257 TI-74ACT11257 Datasheet
99Kb / 6P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74HC253-EP TI1-SN74HC253-EP Datasheet
347Kb / 12P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com