Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC573 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74HC573
Description  Octal Transparent Latches (with 3-state outputs)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC573 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74HC573 Datasheet HTML 2Page - Renesas Technology Corp HD74HC573 Datasheet HTML 3Page - Renesas Technology Corp HD74HC573 Datasheet HTML 4Page - Renesas Technology Corp HD74HC573 Datasheet HTML 5Page - Renesas Technology Corp HD74HC573 Datasheet HTML 6Page - Renesas Technology Corp HD74HC573 Datasheet HTML 7Page - Renesas Technology Corp HD74HC573 Datasheet HTML 8Page - Renesas Technology Corp HD74HC573 Datasheet HTML 9Page - Renesas Technology Corp HD74HC573 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HD74HC563, HD74HC573
Rev.2.00 Mar 30, 2006 page 6 of 10
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
110
140
4.5
11
22
28
tPLH
tPHL
6.0
19
24
ns
Data to
Q
2.0
115
145
4.5
13
23
29
Propagation delay
time
tPLH
tPHL
6.0
20
25
ns
Clock to
Q
2.0
150
190
4.5
14
30
38
Output enable
time
tZH
tZL
6.0
26
33
ns
2.0
150
190
4.5
15
30
38
Output disable
time
tHZ
tLZ
6.0
26
33
ns
2.0
75
90
4.5
15
2
19
Setup time
tsu
6.0
13
16
ns
2.0
5
5
4.5
5
–1
5
Hold time
th
6.0
5
5
ns
2.0
80
100
4.5
16
4
20
Pulse width
tw
6.0
14
17
ns
2.0
60
75
4.5
4
12
15
Output rise/fall
time
tTLH
tTHL
6.0
10
13
ns
Input capacitance
Cin
5
10
10
pF
Test Circuit
VCC
OPEN
GND
C =
50 pF
OC
Zout = 50
1 k
VCC
VCC
VCC
S1
L
TEST
S1
t
/ t
PLH
PHL
OPEN
GND
t
/ t
ZH
HZ
t
/ t
ZL
LZ
1D to 8D
1Q to 8Q
or
1
Q to 8Q
LE
Zout = 50
Note : 1. CL includes probe and jig capacitance.
Pulse Generator
Output
Input
Pulse Generator
Input


Similar Part No. - HD74HC573

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC573 HITACHI-HD74HC573 Datasheet
71Kb / 12P
   Octal Transparent Latches (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC573FPEL RENESAS-HD74HC573FPEL Datasheet
161Kb / 13P
   Octal Transparent Latches (with 3-state outputs)
HD74HC573P RENESAS-HD74HC573P Datasheet
161Kb / 13P
   Octal Transparent Latches (with 3-state outputs)
HD74HC573RPEL RENESAS-HD74HC573RPEL Datasheet
161Kb / 13P
   Octal Transparent Latches (with 3-state outputs)
HD74HC573TELL RENESAS-HD74HC573TELL Datasheet
161Kb / 13P
   Octal Transparent Latches (with 3-state outputs)
More results

Similar Description - HD74HC573

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC563 HITACHI-HD74HC563 Datasheet
71Kb / 12P
   Octal Transparent Latches (with 3-state outputs)
logo
Renesas Technology Corp
HD74HCT563 RENESAS-HD74HCT563 Datasheet
138Kb / 10P
   Octal Transparent Latches (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HCT563 HITACHI-HD74HCT563 Datasheet
68Kb / 11P
   Octal Transparent Latches (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC563 RENESAS-HD74HC563_15 Datasheet
161Kb / 13P
   Octal Transparent Latches (with 3-state outputs)
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com