Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC589 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74HC589
Description  8-bit Serial or Parallel-input/Serial-output Shift Register (with 3-state outputs)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC589 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74HC589 Datasheet HTML 1Page - Renesas Technology Corp HD74HC589 Datasheet HTML 2Page - Renesas Technology Corp HD74HC589 Datasheet HTML 3Page - Renesas Technology Corp HD74HC589 Datasheet HTML 4Page - Renesas Technology Corp HD74HC589 Datasheet HTML 5Page - Renesas Technology Corp HD74HC589 Datasheet HTML 6Page - Renesas Technology Corp HD74HC589 Datasheet HTML 7Page - Renesas Technology Corp HD74HC589 Datasheet HTML 8Page - Renesas Technology Corp HD74HC589 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74HC589
Rev.2.00 Mar 30, 2006 page 5 of 8
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
5
4
4.5
27
21
Maximum clock
frequency
fmax
6.0
32
25
MHz
2.0
200
250
4.5
20
40
50
tPLH
tPHL
6.0
34
43
ns
Latch clock to QH
2.0
175
220
4.5
15
35
44
tPLH
tPHL
6.0
30
37
ns
Shift clock to QH
2.0
175
220
4.5
16
35
44
Propagation delay
time
tPLH
tPHL
6.0
30
37
ns
Serial shift/parallel load to QH
2.0
150
190
4.5
9
30
38
Output enable
time
tZL
tZH
6.0
26
33
ns
2.0
150
190
4.5
14
30
38
Output disable
time
tLZ
tHZ
6.0
26
33
ns
2.0
80
100
4.5
16
8
20
Pulse width
tw
6.0
14
17
ns
2.0
100
125
4.5
20
1
25
tsu
6.0
17
21
ns
Data to latch clock
2.0
100
125
4.5
20
25
tsu
6.0
17
21
ns
SA to shift clock
2.0
100
125
4.5
20
25
Setup time
tsu
6.0
17
21
ns
Serial shift/parallel load to
shift clock
2.0
5
5
4.5
5
0
5
th
6.0
5
5
ns
Latch clock to data
2.0
5
5
4.5
5
5
th
6.0
5
5
ns
Shift clock to SA
2.0
5
5
4.5
5
5
Hold time
th
6.0
5
5
ns
Shift clock to serial shift/
parallel load
2.0
75
95
4.5
5
15
19
Output rise/fall
time
tTLH
tTHL
6.0
13
16
ns
Input capacitance
Cin
5
10
10
pF


Similar Part No. - HD74HC589

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC589 HITACHI-HD74HC589 Datasheet
55Kb / 10P
   8-bit Serial of Parallel-input/Serial-output Shift Register(with 3-state outputs)
More results

Similar Description - HD74HC589

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC595A ONSEMI-MC74HC595A Datasheet
248Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
MC74HC595ADTG ONSEMI-MC74HC595ADTG Datasheet
158Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
July, 2013 ??Rev. 15
logo
System Logic Semiconduc...
SL74HC595 SLS-SL74HC595 Datasheet
81Kb / 10P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
Integral Corp.
IN74HC595A INTEGRAL-IN74HC595A Datasheet
156Kb / 9P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
ON Semiconductor
MC74HC589A ONSEMI-MC74HC589A Datasheet
240Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
March, 2000 ??Rev. 1
MC74HC589A ONSEMI-MC74HC589A_14 Datasheet
142Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
August, 2014 ??Rev. 7
logo
Hitachi Semiconductor
HD74HC589 HITACHI-HD74HC589 Datasheet
55Kb / 10P
   8-bit Serial of Parallel-input/Serial-output Shift Register(with 3-state outputs)
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A Datasheet
112Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register
July, 2000 ??Rev. 4
logo
System Logic Semiconduc...
SL74HC165 SLS-SL74HC165 Datasheet
67Kb / 7P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
SL74HC166 SLS-SL74HC166 Datasheet
63Kb / 6P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com