Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC597 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74HC597
Description  8-bit Latch / Shift Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC597 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74HC597 Datasheet HTML 1Page - Renesas Technology Corp HD74HC597 Datasheet HTML 2Page - Renesas Technology Corp HD74HC597 Datasheet HTML 3Page - Renesas Technology Corp HD74HC597 Datasheet HTML 4Page - Renesas Technology Corp HD74HC597 Datasheet HTML 5Page - Renesas Technology Corp HD74HC597 Datasheet HTML 6Page - Renesas Technology Corp HD74HC597 Datasheet HTML 7Page - Renesas Technology Corp HD74HC597 Datasheet HTML 8Page - Renesas Technology Corp HD74HC597 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74HC597
Rev.2.00 Mar 30, 2006 page 5 of 9
Test Circuit
VCC
CL = 50pF
SCLR
Zout = 50
VCC
RCK
QH'
SER
Zout = 50
A to H
SLoad
SCK
Note : 1. CL includes probe and jig capacitance.
Output
Input
Pulse Generator
Input
Pulse Generator
Waveforms
0 V
VCC
Input RCK
50 %
10 %
90 %
tr
Waveform – 1 (RCK to QH')
50 %
50 %
VOH
Output QH'
10 %
90 %
tTLH
10 %
tTHL
50 %
50 %
tPLH
tPHL
VOL
90 %
10 %
tf
tw(H)
tw(L)
Waveform – 2 (RCK to Q)
0 V
VCC
Input SCK
50 %
10 %
90 %
tr
50 %
50 %
VOH
Output QH'
10 %
90 %
tTLH
10 %
tTHL
50 %
50 %
tPLH
tPHL
VOL
90 %
10 %
tf
tw(H)
tw(L)
Note : 1. Input waveform : PRR
≤ 1 MHz, duty cycle 50%, tr ≤ 6 ns, tf ≤ 6 ns
Note : 1. Input waveform : PRR
≤ 1 MHz, duty cycle 50%, tr ≤ 6 ns, tf ≤ 6 ns


Similar Part No. - HD74HC597

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC597 HITACHI-HD74HC597 Datasheet
57Kb / 10P
   8-bit Latch/Shift Register
More results

Similar Description - HD74HC597

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC597RM13TR STMICROELECTRONICS-M74HC597RM13TR Datasheet
408Kb / 14P
   8 BIT LATCH/SHIFT REGISTER
logo
Hitachi Semiconductor
HD74HC597 HITACHI-HD74HC597 Datasheet
57Kb / 10P
   8-bit Latch/Shift Register
logo
Toshiba Semiconductor
TC74HC597AP TOSHIBA-TC74HC597AP Datasheet
288Kb / 7P
   8-BIT LATCH/SHIFT REGISTER
logo
STMicroelectronics
M54HC597 STMICROELECTRONICS-M54HC597 Datasheet
280Kb / 13P
   8 BIT LATCH/SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9595FK TOSHIBA-TC74VHC9595FK Datasheet
490Kb / 9P
   8-Bit Shift Register/Latch
2018-06-22
TC74VHC595F TOSHIBA-TC74VHC595F Datasheet
311Kb / 9P
   8 BIT SHIFT REGISTER /LATCH
TC7MH595FK TOSHIBA-TC7MH595FK Datasheet
281Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
TC74VHC595FTEK2M TOSHIBA-TC74VHC595FTEK2M Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
TC74VHC595F TOSHIBA-TC74VHC595F_07 Datasheet
278Kb / 13P
   8-Bit Shift Register/Latch (3-state)
logo
Rohm
BU2114 ROHM-BU2114 Datasheet
115Kb / 8P
   8-bit shift register and latch driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com