Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC573TELL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74HC573TELL
Description  Octal Transparent Latches (with 3-state outputs)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC573TELL Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74HC573TELL Datasheet HTML 3Page - Renesas Technology Corp HD74HC573TELL Datasheet HTML 4Page - Renesas Technology Corp HD74HC573TELL Datasheet HTML 5Page - Renesas Technology Corp HD74HC573TELL Datasheet HTML 6Page - Renesas Technology Corp HD74HC573TELL Datasheet HTML 7Page - Renesas Technology Corp HD74HC573TELL Datasheet HTML 8Page - Renesas Technology Corp HD74HC573TELL Datasheet HTML 9Page - Renesas Technology Corp HD74HC573TELL Datasheet HTML 10Page - Renesas Technology Corp HD74HC573TELL Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HD74HC563, HD74HC573
Rev.2.00 Mar 30, 2006 page 7 of 10
Waveforms
Waveform – 1
0 V
VCC
VOH
VOL
tPLH
tPHL
10 %
90 %
50 %
50 %
50 %
50 %
10 %
90 %
Input D
Output Q
tr
tf
tTHL
10 %
90 %
tTLH
10 %
90 %
VOH
VOL
50 %
50 %
Output
Q
tTHL
10 %
90 %
tTLH
10 %
90 %
tPHL
tPLH
Note : 1. Input waveform : PRR
≤ 1 MHz, duty cycle 50%, tr ≤ 6 ns, tf ≤ 6 ns
0 V
VCC
VOH
Input LE
Output Q
50 %
10 %
90 %
tr
Waveform – 2
50 %
50 %
10 %
90 %
tTLH
10 %
tTHL
50 %
50 %
tPLH
tPHL
VOL
0 V
VCC
50 %
10 %
90 %
tr
10 %
tf
50 %
50 %
Input D
90 %
th
tsu
th
tsu
90 %
VOH
Output
Q
10 %
90 %
tTLH
10 %
tTHL
50 %
50 %
tPHL
tPLH
VOL
90 %
10 %
tf
50 %
tW
tW
tW
tW
Note : 1. Input waveform : PRR
≤ 1 MHz, duty cycle 50%, tr ≤ 6 ns, tf ≤ 6 ns


Similar Part No. - HD74HC573TELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC573TELL RENESAS-HD74HC573TELL Datasheet
161Kb / 13P
   Octal Transparent Latches (with 3-state outputs)
More results

Similar Description - HD74HC573TELL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC563 HITACHI-HD74HC563 Datasheet
71Kb / 12P
   Octal Transparent Latches (with 3-state outputs)
logo
Renesas Technology Corp
HD74HCT563 RENESAS-HD74HCT563 Datasheet
138Kb / 10P
   Octal Transparent Latches (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HCT563 HITACHI-HD74HCT563 Datasheet
68Kb / 11P
   Octal Transparent Latches (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC563 RENESAS-HD74HC563_15 Datasheet
161Kb / 13P
   Octal Transparent Latches (with 3-state outputs)
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com