Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR03AM-16 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # CR03AM-16
Description  Thyristor Low Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR03AM-16 Datasheet(HTML) 5 Page - Renesas Technology Corp

  CR03AM-16 Datasheet HTML 1Page - Renesas Technology Corp CR03AM-16 Datasheet HTML 2Page - Renesas Technology Corp CR03AM-16 Datasheet HTML 3Page - Renesas Technology Corp CR03AM-16 Datasheet HTML 4Page - Renesas Technology Corp CR03AM-16 Datasheet HTML 5Page - Renesas Technology Corp CR03AM-16 Datasheet HTML 6Page - Renesas Technology Corp CR03AM-16 Datasheet HTML 7Page - Renesas Technology Corp CR03AM-16 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CR03AM-16
Rev.1.00, Aug.20.2004, page 5 of 7
Breakover Voltage vs.
Gate to Cathode Resistance
Gate to Cathode Resistance (k
Ω)
Breakover Voltage vs.
Junction Temperature
Junction Temperature (°C)
Holding Current vs.
Junction Temperature
Junction Temperature (°C)
Holding Current vs.
Gate to Cathode Resistance
Gate to Cathode Resistance (k
Ω)
Breakover Voltage vs.
Rate of Rise of Off-State Voltage
Rate of Rise of Off-State Voltage (V/
µs)
160
120
60
40
20
140
100
80
0
120
–40
040
80
–20
20
60
100
RGK = 1k
23
10–1
57 100 23 5 7 101 23 5 7 102
160
0
80
100
120
140
40
60
20
Tj = 110°C
23
100
57 101 23 5 7 102 23 5 7 103
200
180
0
80
100
120
160
140
40
60
20
Tj = 25°C
RGK = 1k
Tj = 110°C
23
10–2
10–1
57
2 3 57 100 23 5 7 101
0
100
200
300
400
500
160
120
60
40
20
140
100
80
0
120
–40
040
80
–20
20
60
100
60
–20
–40
–60
0
20 40
80 100 120 140
102
7
5
3
2
101
7
5
3
2
100
7
5
3
2
10–1
RGK = 1k
VD = 12V, Tj = 25°C
# 2
# 1
Junction Temperature (°C)
Repetitive Peak Reverse Voltage vs.
Junction Temperature
Typical Example
Typical Example
Distribution
IGT(25°C) = 35
µA
Typical Example
Typical Example
IGT(25°C) IH(1k
Ω)
10
µA
26
µA
1.0mA
1.1mA
# 1
# 2
Typical Example


Similar Part No. - CR03AM-16

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
CR03AM-16 UTC-CR03AM-16 Datasheet
153Kb / 3P
   THYRISTOR LOW POWER USE
logo
Renesas Technology Corp
CR03AM-16A RENESAS-CR03AM-16A Datasheet
101Kb / 7P
   800V-0.3A-Thyristor Low Power Use
CR03AM-16A-A6 RENESAS-CR03AM-16A-A6 Datasheet
101Kb / 7P
   800V-0.3A-Thyristor Low Power Use
CR03AM-16A-B RENESAS-CR03AM-16A-B Datasheet
101Kb / 7P
   800V-0.3A-Thyristor Low Power Use
CR03AM-16A-BTB RENESAS-CR03AM-16A-BTB Datasheet
101Kb / 7P
   800V-0.3A-Thyristor Low Power Use
More results

Similar Description - CR03AM-16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR3PM-12 RENESAS-CR3PM-12_05 Datasheet
90Kb / 8P
   Thyristor Low Power Use
CR05AM-16 RENESAS-CR05AM-16 Datasheet
121Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8 Datasheet
154Kb / 9P
   Thyristor Low Power Use
CR3PM-12G RENESAS-CR3PM-12G Datasheet
87Kb / 7P
   Thyristor Low Power Use
CR02AM-8 RENESAS-CR02AM-8 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR03AM-12 RENESAS-CR03AM-12 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8_15 Datasheet
134Kb / 9P
   Thyristor Low Power Use
CR04AM-12A RENESAS-CR04AM-12A Datasheet
111Kb / 9P
   Thyristor Low Power Use
logo
Unisonic Technologies
CR03AM-16 UTC-CR03AM-16 Datasheet
153Kb / 3P
   THYRISTOR LOW POWER USE
logo
Renesas Technology Corp
CR3PM-12G RENESAS-CR3PM-12G_15 Datasheet
99Kb / 7P
   Thyristor Low Power Use
CR08AS-12 RENESAS-CR08AS-12_10 Datasheet
245Kb / 9P
   Thyristor Low Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com