Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS30KMJ-3 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # FS30KMJ-3
Description  High-Speed Switching Use Nch Power MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS30KMJ-3 Datasheet(HTML) 5 Page - Renesas Technology Corp

  FS30KMJ-3 Datasheet HTML 1Page - Renesas Technology Corp FS30KMJ-3 Datasheet HTML 2Page - Renesas Technology Corp FS30KMJ-3 Datasheet HTML 3Page - Renesas Technology Corp FS30KMJ-3 Datasheet HTML 4Page - Renesas Technology Corp FS30KMJ-3 Datasheet HTML 5Page - Renesas Technology Corp FS30KMJ-3 Datasheet HTML 6Page - Renesas Technology Corp FS30KMJ-3 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FS30KMJ-3
Rev.2.00
Aug 07, 2006
page 5 of 6
Channel Temperature Tch (°C)
Threshold Voltage vs.
Channel Temperature (Typical)
On-State Resistance vs.
Channel Temperature (Typical)
Channel Temperature Tch (°C)
Transient Thermal Impedance Characteristics
Channel Temperature Tch (°C)
Breakdown Voltage vs.
Channel Temperature (Typical)
Pulse Width tw (s)
Switching Time Measurement Circuit
Switching Waveform
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
90%
10%
tf
Vin Monitor
D.U.T.
RL
VDD
Vout
Monitor
RGEN
RGS
10–1
100
2
3
4
5
7
101
2
3
4
5
7
–50
0
50
100
150
0
0.8
1.6
2.4
3.2
4.0
–50
0
50
100
150
0.4
0.6
0.8
1.0
1.2
1.4
–50
0
50
100
150
10–2
10–1
2
3
5
7
100
2
3
5
7
101
2
3
5
7
102
2
3
5
7
10–423 57
23 57
23 57
23 57100 23 57101
102
23 57
10–3
10–2
10–1
Single Pulse
0.5
0.2
0.1
0.05
0.02
0.01
D = 1.0
PDM
tw
D
=
T
tw
T
VGS = 10V
ID = 15A
Pulse Test
VGS = 0V
ID = 1mA
VDS = 10V
ID = 1mA


Similar Part No. - FS30KMJ-3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS30KMJ-3 MITSUBISHI-FS30KMJ-3 Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FS30KMJ-3 POWEREX-FS30KMJ-3 Datasheet
48Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
More results

Similar Description - FS30KMJ-3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FS70KM-2 RENESAS-FS70KM-2 Datasheet
172Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS70KMJ-03F RENESAS-FS70KMJ-03F Datasheet
105Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS70VSJ-06F RENESAS-FS70VSJ-06F Datasheet
103Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS10ASJ-3 RENESAS-FS10ASJ-3 Datasheet
171Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS7VS-12A RENESAS-FS7VS-12A Datasheet
207Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS5ASJ-06F RENESAS-FS5ASJ-06F_15 Datasheet
124Kb / 9P
   High-Speed Switching Use Nch Power MOS FET
RJK4007DPP RENESAS-RJK4007DPP Datasheet
67Kb / 4P
   Nch Power MOS FET High-Speed Switching Use
FS50UMJ-3 RENESAS-FS50UMJ-3 Datasheet
172Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS70SM-06 RENESAS-FS70SM-06 Datasheet
174Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS5AS-2 RENESAS-FS5AS-2 Datasheet
197Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS10VS-9A RENESAS-FS10VS-9A Datasheet
206Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com