Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3104 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3104
Description  Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3104 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3104 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3104 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3104 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3104 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3104 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3104 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3104 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3104 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3104 Datasheet HTML 15Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AAT3104178
Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
ChargePumpTM
PRODUCT DATASHEET
3104.2008.09.1.0
11
www .analogictech.com
to outputs D1 through for a given constant current set-
ting. Depending on the combination of VIN and voltages
sensed at the current sources, the device will operate in
load switch mode. When any one of the voltages sensed
at the current sources nears dropout, the device will
operate in 2X charge pump mode.
Each of these modes will yield different efficiency values.
Refer to the following two sections for explanations for
each operational mode.
1X Mode Efficiency
The AAT3104 1X mode is operational at all times and
functions alone to enhance device power conversion effi-
ciency when VIN is higher than the voltage across the
load. When in 1X mode, voltage conversion efficiency is
defined as output power divided by input power.
An expression for the ideal efficiency (η) in 1X charge-
pump mode can be expressed as:
P
OUT
P
IN
V
F · ILED
V
IN · IIN
V
F · ILED
V
IN · IOUT
V
F
V
IN
η =
=
=
-or-
V
F
V
IN
η (%) =
· 100
For a charge pump led driver with VF of 3.2V and 4.2V
input voltage, the theoretical efficiency is 76%. Due to
internal switching losses and IC quiescent current con-
sumption, the actual efficiency can be measured at 73%.
2X Charge Pump Mode Efficiency
The AAT3104 contains a charge pump which will boost
the input supply voltage in the event where VIN is less
than the voltage required to supply the output. The effi-
ciency (η) can be simply defined as a linear voltage
regulator with an effective output voltage that is equal to
one and two times the input voltage. Efficiency (η) for an
ideal 2X charge pump can typically be expressed as the
output power divided by the input power.
η =
P
F
P
IN
In addition, with an ideal 2X charge pump, the output
current may be expressed as 1/3 of the input current.
The expression to define the ideal efficiency (η) can be
rewritten as
P
OUT
P
IN
V
F · ILED
V
IN · IIN
V
F · ILED
V
IN · 2 · IOUT
V
F
2 · V
IN
η =
=
=
-or-
V
F
2 · V
IN
η (%) =
· 100
For a charge pump current source driver with VF of 3.2V
and 2.7V input voltage, the theoretical efficiency is 59%.
Due to internal switching losses and IC quiescent current
consumption, the actual efficiency can be measured at
57%. Efficiency will decrease substantially as load cur-
rent drops below 1mA or when the voltage level at VIN
approaches the voltage level at VOUT.
Additional Applications
The current sources of the AAT3104 can be combined
freely to drive higher current levels through one LED. As
an example, a single LED can be driven at 120mA by
combining together D1 through D4 outputs.
For lower-cost applications, the flying capacitor can be
removed; C+ and C- should be floating. This will force
AAT3104 to operate in 1X mode. To maintain regulated
LED current, the input supply voltage has to be higher
than the charge-pump's dropout voltage in 1X mode plus
the forward voltage of the LED at the preset LED
current.
Capacitor Selection
Careful selection of the three external capacitors CIN, CP,
and COUT is important because they will affect turn-on
time, output ripple, and transient performance. Optimum
performance will be obtained when low equivalent series
resistance (ESR) ceramic capacitors are used, in general,
low ESR may be defined as less than 100mΩ. A value of
1μF for all four capacitors is a good starting point when
choosing capacitors. If the constant current sources are
only programmed for light current levels, then the
capacitor size may be decreased.
Capacitor Characteristics
Ceramic composition capacitors are highly recommended
over all other types of capacitors for use with the
AAT3104. Ceramic capacitors offer many advantages
over their tantalum and aluminum electrolytic counter-
parts. A ceramic capacitor typically has very low ESR, is
lowest cost, has a smaller PCB footprint, and is non-
polarized. Low ESR ceramic capacitors help maximizing
charge pump transient response. Since ceramic capaci-
tors are non-polarized, they are not prone to incorrect
connection damage.


Similar Part No. - AAT3104

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3103 AAT-AAT3103 Datasheet
1Mb / 17P
   3-Channel Charge-Pump LED Driver
AAT3103IJQ-1-T1 AAT-AAT3103IJQ-1-T1 Datasheet
1Mb / 17P
   3-Channel Charge-Pump LED Driver
AAT3103IJQ-2-T1 AAT-AAT3103IJQ-2-T1 Datasheet
1Mb / 17P
   3-Channel Charge-Pump LED Driver
AAT3103IJQ-4-T1 AAT-AAT3103IJQ-4-T1 Datasheet
1Mb / 17P
   3-Channel Charge-Pump LED Driver
logo
Advanced Analogic Techn...
AAT3105 ANALOGICTECH-AAT3105 Datasheet
1Mb / 15P
   Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
More results

Similar Description - AAT3104

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3105 ANALOGICTECH-AAT3105 Datasheet
1Mb / 15P
   Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
Exar Corporation
SP6887 EXAR-SP6887 Datasheet
745Kb / 10P
   4 CHANNEL REGULATED CHARGE PUMP WLED DRIVER
logo
Monolithic Power System...
MP1519 MPS-MP1519 Datasheet
211Kb / 8P
   1x, 1.5x, 2x High Efficiency Charge Pump 4 White LED Driver
logo
Eutech Microelectronics...
EUP3651 EUTECH-EUP3651 Datasheet
291Kb / 11P
   4-Channel, 1X/1.5X Charge Pump White LED Driver
logo
Monolithic Power System...
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
   1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
MP3021 MPS-MP3021 Datasheet
354Kb / 10P
   1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Driver
MP1519L MPS-MP1519L Datasheet
244Kb / 9P
   1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com