Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR10KM-12LB-A8 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # BCR10KM-12LB-A8
Description  Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR10KM-12LB-A8 Datasheet(HTML) 6 Page - Renesas Technology Corp

  BCR10KM-12LB-A8 Datasheet HTML 1Page - Renesas Technology Corp BCR10KM-12LB-A8 Datasheet HTML 2Page - Renesas Technology Corp BCR10KM-12LB-A8 Datasheet HTML 3Page - Renesas Technology Corp BCR10KM-12LB-A8 Datasheet HTML 4Page - Renesas Technology Corp BCR10KM-12LB-A8 Datasheet HTML 5Page - Renesas Technology Corp BCR10KM-12LB-A8 Datasheet HTML 6Page - Renesas Technology Corp BCR10KM-12LB-A8 Datasheet HTML 7Page - Renesas Technology Corp BCR10KM-12LB-A8 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BCR10KM-12LB
Rev.1.00, Aug.20.2004, page 6 of 7
C1 = 0.1 to 0.47µF
R1 = 47 to 100Ω
C0 = 0.1µF
R0 = 100Ω
Gate Trigger Characteristics Test Circuits
Recommended Circuit Values Around The Triac
Test Procedure I
Test Procedure III
Test Procedure II
Commutation Characteristics (Tj=150°C)
Rate of Decay of On-State
Commutating Current (A/ms)
Gate Current Pulse Width (
µs)
Gate Trigger Current vs.
Gate Current Pulse Width
101
103
7
5
3
2
100
25
101
102
7
5
3
2
37
102
4
4
42
5
37
4
7
5
3
2
100
23
5 7 101
101
7
7
5
3
2
23
5 7 102
100
C1
C0
R0
R1
6
6
6
6V
6V
6V
330
330
330
A
V
A
V
A
V
Main Voltage
Main Current
IT
(di/dt)c
τ
VD
Time
Time
(dv/dt)c
Typical Example
Tj = 150°C
IT = 4A
τ = 500µs
VD = 200V
f = 3Hz
I Quadrant
III Quadrant
Minimum
Characteristics
Value
Typical Example
IRGT III
IRGT I
IFGT I
Load


Similar Part No. - BCR10KM-12LB-A8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR10KM-12LA RENESAS-BCR10KM-12LA Datasheet
140Kb / 8P
   Triac Medium Power Use
BCR10KM-12LA-A8 RENESAS-BCR10KM-12LA-A8 Datasheet
140Kb / 8P
   Triac Medium Power Use
BCR10KM-12LC RENESAS-BCR10KM-12LC Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR10KM-12LC RENESAS-BCR10KM-12LC Datasheet
124Kb / 8P
   Medium Power Use
BCR10KM-12LC-A8 RENESAS-BCR10KM-12LC-A8 Datasheet
124Kb / 8P
   Triac Medium Power Use
More results

Similar Description - BCR10KM-12LB-A8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com