Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX3ASJ-3-T13 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # FX3ASJ-3-T13
Description  High-Speed Switching Use Pch Power MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FX3ASJ-3-T13 Datasheet(HTML) 3 Page - Renesas Technology Corp

  FX3ASJ-3-T13 Datasheet HTML 1Page - Renesas Technology Corp FX3ASJ-3-T13 Datasheet HTML 2Page - Renesas Technology Corp FX3ASJ-3-T13 Datasheet HTML 3Page - Renesas Technology Corp FX3ASJ-3-T13 Datasheet HTML 4Page - Renesas Technology Corp FX3ASJ-3-T13 Datasheet HTML 5Page - Renesas Technology Corp FX3ASJ-3-T13 Datasheet HTML 6Page - Renesas Technology Corp FX3ASJ-3-T13 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FX3ASJ-3
Rev.2.00
Aug 07, 2006
page 3 of 6
Performance Curves
Power Dissipation Derating Curve
Case Temperature Tc (°C)
Maximum Safe Operating Area
Drain-Source Voltage VDS (V)
Output Characteristics (Typical)
Drain-Source Voltage VDS (V)
Output Characteristics (Typical)
Drain-Source Voltage VDS (V)
On-State Voltage vs.
Gate-Source Voltage (Typical)
Gate-Source Voltage VGS (V)
On-State Resistance vs.
Drain Current (Typical)
Drain Current ID (A)
0
10
20
30
40
50
0
200
50
100
150
–2
–3
–10–1
–5
–7
–100
–2
–3
–5
–7
–101
–2
–3
–5
–7
–101 –2
–102
–3 –5 –7
–2
–103
–3 –5 –7
–2
–2 –3 –5 –7
–2
0
–2
–4
–6
–8
–10
0
–4
–8
–12
–16
–20
PD = 30W
VGS = –10V
–4V
–3V
–5V
–6V
0
–1.0
–2.0
–3.0
–4.0
–5.0
0
–2–4–6–8
–10
–6V
–4V
PD = 30W
VGS =–10V
–3V
–2.5V
–5V
0
0.4
0.8
1.2
1.6
2.0
–10–1
–100
–2 –3
–5 –7
–101
–2 –3
–5 –7
–10V
VGS = –4V
0
–4
–8
–12
–16
–20
0–2
–4
–6
–8
–10
ID = –6A
–1A
–3A
Tc = 25
°C
Pulse Test
Tc = 25
°C
Single Pulse
Tc = 25
°C
Pulse Test
Tc = 25
°C
Pulse Test
Tc = 25
°C
Pulse Test
100
µs
1ms
DC


Similar Part No. - FX3ASJ-3-T13

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FX3ASJ-3 MITSUBISHI-FX3ASJ-3 Datasheet
44Kb / 4P
   HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FX3ASJ-3 POWEREX-FX3ASJ-3 Datasheet
50Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Inchange Semiconductor ...
FX3ASJ-3 ISC-FX3ASJ-3 Datasheet
378Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Similar Description - FX3ASJ-3-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FX6KMJ-3 RENESAS-FX6KMJ-3 Datasheet
209Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX20ASJ-06 RENESAS-FX20ASJ-06 Datasheet
172Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX30KMJ-2 RENESAS-FX30KMJ-2 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX50KMJ-06 RENESAS-FX50KMJ-06 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX50SMJ-2 RENESAS-FX50SMJ-2 Datasheet
173Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX50SMJ-06 RENESAS-FX50SMJ-06 Datasheet
173Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX70KMJ-03 RENESAS-FX70KMJ-03 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX20ASJ-03F RENESAS-FX20ASJ-03F_15 Datasheet
98Kb / 6P
   High-Speed Switching Use Pch Power MOS FET
FX6ASJ-03 RENESAS-FX6ASJ-03_06 Datasheet
199Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX6ASJ-3 RENESAS-FX6ASJ-3 Datasheet
171Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX6KMJ-2 RENESAS-FX6KMJ-2 Datasheet
210Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com