Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR16CM-12LA Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # BCR16CM-12LA
Description  Triac Medium Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR16CM-12LA Datasheet(HTML) 3 Page - Renesas Technology Corp

  BCR16CM-12LA Datasheet HTML 1Page - Renesas Technology Corp BCR16CM-12LA Datasheet HTML 2Page - Renesas Technology Corp BCR16CM-12LA Datasheet HTML 3Page - Renesas Technology Corp BCR16CM-12LA Datasheet HTML 4Page - Renesas Technology Corp BCR16CM-12LA Datasheet HTML 5Page - Renesas Technology Corp BCR16CM-12LA Datasheet HTML 6Page - Renesas Technology Corp BCR16CM-12LA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BCR16CM-12LA
REJ03G0298-0300
Rev.3.00
Nov 30, 2007
Page 3 of 6
Performance Curves
Maximum On-State Characteristics
On-State Voltage (V)
Rated Surge On-State Current
Conduction Time (Cycles at 60Hz)
Gate Characteristics (I, II and III)
Gate Current (mA)
Gate Trigger Voltage vs.
Junction Temperature
Junction Temperature (°C)
Gate Trigger Current vs.
Junction Temperature
Junction Temperature (°C)
Maximum Transient Thermal Impedance
Characteristics (Junction to case)
Conduction Time (Cycles at 60Hz)
4.4
0.4
1.2
2.4
3.2
0.8
1.6 2.0
2.8
3.6 4.0
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
100
25
101
80
60
40
20
37
102
42
5
37
4
100
120
140
160
180
200
0
23
102
57 103
1.6
0
23
10–1
57 100 23 5 7 101 23 5 7 102
0.8
0.6
0.4
0.2
1.0
1.2
1.4
100
23
101
57 102 23 5 7 103 23 5 7 104
3
2
101
7
5
3
2
7
5
7
5
3
2
10–1
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
Tj = 125°C
Tj = 25°C
VGM = 10V PG(AV) = 0.5W
PGM = 5W
IGM = 2A
VGT = 1.5V
IFGT I, IRGT I, IRGT III
VGD = 0.2V
Typical Example
IRGT III
IFGT I, IRGT I
Typical Example


Similar Part No. - BCR16CM-12LA

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR16CM-12L POWEREX-BCR16CM-12L Datasheet
81Kb / 6P
   Triac 16 Amperes/400-600 Volts
logo
Renesas Technology Corp
BCR16CM-12LB RENESAS-BCR16CM-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
logo
Inchange Semiconductor ...
BCR16CM-12LB ISC-BCR16CM-12LB Datasheet
220Kb / 1P
   isc Thyristors
logo
Renesas Technology Corp
BCR16CM-12LB-A8 RENESAS-BCR16CM-12LB-A8 Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR16CM-12LB RENESAS-BCR16CM-12LB_15 Datasheet
164Kb / 9P
   600V - 16A - Triac Medium Power Use
More results

Similar Description - BCR16CM-12LA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com