Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR16CS-12LA Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # BCR16CS-12LA
Description  Triac Medium Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR16CS-12LA Datasheet(HTML) 5 Page - Renesas Technology Corp

  BCR16CS-12LA Datasheet HTML 1Page - Renesas Technology Corp BCR16CS-12LA Datasheet HTML 2Page - Renesas Technology Corp BCR16CS-12LA Datasheet HTML 3Page - Renesas Technology Corp BCR16CS-12LA Datasheet HTML 4Page - Renesas Technology Corp BCR16CS-12LA Datasheet HTML 5Page - Renesas Technology Corp BCR16CS-12LA Datasheet HTML 6Page - Renesas Technology Corp BCR16CS-12LA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BCR16CS-12LA
REJ03G0341-0300
Rev.3.00
Nov 30, 2007
Page 5 of 6
Rate of Rise of Off-State Voltage (V/
µs)
Breakover Voltage vs.
Rate of Rise of Off-State Voltage
Breakover Voltage vs.
Junction Temperature
Junction Temperature (°C)
Commutation Characteristics
Rate of Decay of On-State
Commutating Current (A/ms)
Gate Current Pulse Width (
µs)
Gate Trigger Current vs.
Gate Current Pulse Width
Test Procedure I
Test Procedure III
Test Procedure II
Gate Trigger Characteristics Test Circuits
Latching Current vs.
Junction Temperature
Junction Temperature (°C)
160
–40
0
40
80
120
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
160
100
80
40
20
0
140
40
–40
–60
–20 0 20
60 80
140
100120
60
120
101
103
7
5
3
2
100
23
5 7 101
102
7
5
3
2
23
5 7 102
4
4
4
4
23
101
57 102 23 5 7 103 23 5 7 104
120
0
20
40
60
80
100
140
160
101
23
100
57 101
23
5 7 102
23
7
5
5
3
2
7
7
3
2
100
6
6
6
6V
6V
6V
330
330
330
A
V
A
V
A
V
Distribution
T2+, G–
Typical Example
T2+, G+
T2–, G–
Typical Example
Typical Example
Typical Example
Tj = 125°C
III Quadrant
I Quadrant
Main Voltage
Main Current
IT
(di/dt)c
τ
VD
Time
Time
(dv/dt)c
Typical Example
Tj = 125°C
IT = 4A
τ = 500µs
VD = 200V
f = 3Hz
Minimum
Characteristics
Value
I Quadrant
III Quadrant
IFGT I
IRGT I
IRGT III
Typical Example


Similar Part No. - BCR16CS-12LA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16CS-12LB RENESAS-BCR16CS-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR16CS-12LB-T11 RENESAS-BCR16CS-12LB-T11 Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
More results

Similar Description - BCR16CS-12LA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com