Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9958BCPZ-REEL7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9958BCPZ-REEL7
Description  2-Channel, 500 MSPS DDS with 10-Bit DACs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958BCPZ-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  AD9958BCPZ-REEL7 Datasheet HTML 1Page - Analog Devices AD9958BCPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD9958BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD9958BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD9958BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD9958BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD9958BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD9958BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD9958BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
AD9958
Rev. A | Page 4 of 44
SPECIFICATIONS
AVDD and DVDD = 1.8 V ± 5%; DVDD_I/O = 3.3 V ± 5%; T = 25°C; RSET = 1.91 kΩ; external reference clock frequency = 500 MSPS
(REFCLK multiplier bypassed), unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE CLOCK INPUT CHARACTERISTICS
See
Figure 34 and Figure 35
Frequency Range
REFCLK Multiplier Bypassed
1
500
MHz
REFCLK Multiplier Enabled
10
125
MHz
Internal VCO Output Frequency Range
VCO Gain Control Bit Set High1
255
500
MHz
VCO Gain Control Bit Set Low1
100
160
MHz
Crystal REFCLK Source Range
20
30
MHz
Input Level
200
1000
mV
Measured at each pin (single-ended)
Input Voltage Bias Level
1.15
V
Input Capacitance
2
pF
Input Impedance
1500
Ω
Duty Cycle with REFCLK Multiplier Bypassed
45
55
%
Duty Cycle with REFCLK Multiplier Enabled
35
65
%
CLK Mode Select (Pin 24) Logic 1 Voltage
1.25
1.8
V
1.8 V digital input logic
CLK Mode Select (Pin 24) Logic 0 Voltage
0.5
V
1.8 V digital input logic
DAC OUTPUT CHARACTERISTICS
Must be referenced to AVDD
Resolution
10
Bits
Full-Scale Output Current
1.25
10
mA
Gain Error
−10
+10
% FS
Channel-to-Channel Output Amplitude Matching Error
−2.5
+2.5
%
Output Current Offset
1
25
μA
Differential Nonlinearity
±0.5
LSB
Integral Nonlinearity
±1.0
LSB
Output Capacitance
3
pF
Voltage Compliance Range
AVDD −
0.50
AVDD +
0.50
V
Channel-to-Channel Isolation
72
dB
DAC supplies tied together (see
Figure 19)
WIDEBAND SFDR
The frequency range for wideband SFDR
is defined as dc to Nyquist
1 MHz to 20 MHz Analog Output
−65
dBc
20 MHz to 60 MHz Analog Output
−62
dBc
60 MHz to 100 MHz Analog Output
−59
dBc
100 MHz to 150 MHz Analog Output
−56
dBc
150 MHz to 200 MHz Analog Output
−53
dBc
NARROW-BAND SFDR
1.1 MHz Analog Output (±10 kHz)
−90
dBc
1.1 MHz Analog Output (±50 kHz)
−88
dBc
1.1 MHz Analog Output (±250 kHz)
−86
dBc
1.1 MHz Analog Output (±1 MHz)
−85
dBc
15.1 MHz Analog Output (±10 kHz)
−90
dBc
15.1 MHz Analog Output (±50 kHz)
−87
dBc
15.1 MHz Analog Output (±250 kHz)
−85
dBc
15.1 MHz Analog Output (±1 MHz)
−83
dBc
40.1 MHz Analog Output (±10 kHz)
−90
dBc
40.1 MHz Analog Output (±50 kHz)
−87
dBc
40.1 MHz Analog Output (±250 kHz)
−84
dBc
40.1 MHz Analog Output (±1 MHz)
−82
dBc
75.1 MHz Analog Output (±10 kHz)
−87
dBc


Similar Part No. - AD9958BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9958BCPZ-REEL7 AD-AD9958BCPZ-REEL7 Datasheet
1Mb / 40P
   2-Channel 500 MSPS DDS with 10-Bit DACs
REV. 0
AD9958BCPZ-REEL7 AD-AD9958BCPZ-REEL7 Datasheet
810Kb / 44P
   2-Channel, 500 MSPS DDS with 10-Bit DACs
More results

Similar Description - AD9958BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9958 AD-AD9958 Datasheet
1Mb / 40P
   2-Channel 500 MSPS DDS with 10-Bit DACs
REV. 0
AD9958 AD-AD9958_16 Datasheet
810Kb / 44P
   2-Channel, 500 MSPS DDS with 10-Bit DACs
AD9959BCPZ AD-AD9959BCPZ Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_08 Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_15 Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_V01 Datasheet
950Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
AD9959 AD-AD9959 Datasheet
246Kb / 9P
   4 Channel 500MSPS DDS with 10-bit DACs
Rev. PrB
logo
Texas Instruments
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
logo
Analog Devices
AD9780 AD-AD9780_17 Datasheet
622Kb / 32P
   LVDS Interface, 500 MSPS DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com