Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4467N-2 Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # ACT4467N-2
Description  Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4467N-2 Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

  ACT4467N-2 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4467N-2 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4467N-2 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4467N-2 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4467N-2 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4467N-2 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4467N-2 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4467N-2 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4467N-2 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
SCD4404N Rev D 12/19/07
Aeroflex Plainview
PACKAGE CONFIGURATION OUTLINE
1.27
MAX
24
1
13
12
FLAT PACKAGE
1.10
0.175
MAX
0.24
MIN
0.018 DIA.
±0.002
0.10 Typ
±0.002
1.27
0.080
±0.015
0.009
±0.002
Notes
1. Dimensions shown are in inches.
2. Pins are equally spaced at 0.100±0.002 tolerance, non-cumulative, each row.
1.27 MAX
1.10
1.27 MAX
0.017
0.400
MIN
2 sides
PLUG-IN PACKAGE
0.100
0.167 for Low Profile Flat Pack
0.200 for Std Flat Pack
Pin Function
1TX DATA OUT
2TX DATA OUT
3
TX GND (+5)
4
+15V (TX)
5
EXT. DATA THRES
6 INT. DATA THRES
7RX DATA OUT
8STROBE
9 RX GND (+5V)
10 RXDATA OUT
11 INT. DATA THRES
12 EXT. DATA THRES
13 +15V (RX)
14 NC
15 RX DATA IN
16 RX DATA IN
17 GND
18 CASE GND
19 -15V (RX)
20 +5V
21 TX INHIBIT
22 TX DATA IN
23 TX DATA IN
24 -15V(TX)
MAX
Designator
Pin 1 & ESD


Similar Part No. - ACT4467N-2

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4460 AEROFLEX-ACT4460 Datasheet
173Kb / 8P
   ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
ACT4462D AEROFLEX-ACT4462D Datasheet
186Kb / 10P
   Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
ACT4462D-7 AEROFLEX-ACT4462D-7 Datasheet
186Kb / 10P
   Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
ACT4462DI AEROFLEX-ACT4462DI Datasheet
186Kb / 10P
   Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
ACT4462DI-7 AEROFLEX-ACT4462DI-7 Datasheet
186Kb / 10P
   Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
More results

Similar Description - ACT4467N-2

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4404N AEROFLEX-ACT4404N Datasheet
165Kb / 8P
   Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ARX4404 AEROFLEX-ARX4404 Datasheet
95Kb / 6P
   ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4808 AEROFLEX-ACT4808 Datasheet
106Kb / 8P
   ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4808 AEROFLEX-ARX4808 Datasheet
141Kb / 6P
   VARX4808 Dual Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4418 AEROFLEX-ACT4418 Datasheet
75Kb / 7P
   ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4810 AEROFLEX-ARX4810 Datasheet
91Kb / 6P
   ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
   Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
ARX4418 AEROFLEX-ARX4418 Datasheet
85Kb / 6P
   ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4454 AEROFLEX-ACT4454 Datasheet
173Kb / 8P
   ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
ACT4444 AEROFLEX-ACT4444 Datasheet
213Kb / 10P
   Transceiver for MIL-STD-1553 /MACAIR in a Chipscale Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com