Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX20ASJ-03F-T13 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # FX20ASJ-03F-T13
Description  High-Speed Switching Use Pch Power MOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FX20ASJ-03F-T13 Datasheet(HTML) 3 Page - Renesas Technology Corp

  FX20ASJ-03F-T13 Datasheet HTML 1Page - Renesas Technology Corp FX20ASJ-03F-T13 Datasheet HTML 2Page - Renesas Technology Corp FX20ASJ-03F-T13 Datasheet HTML 3Page - Renesas Technology Corp FX20ASJ-03F-T13 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FX20ASJ-03F
Rev.1.00, Aug.20.2004, page 3 of 3
Package Dimensions
MP-3A
EIAJ Package Code
JEDEC Code
Mass (g) (reference value)
Lead Material
0.32
Cu alloy
Symbol
Dimension in Millimeters
Min
Typ
Max
A
A1
A2
b
D
E
e
x
y
1
y
ZD
ZE
5.3 ± 0.2
0.5 ± 0.1
0.1 ± 0.1
0.5 ± 0.2
6.6
2.3
0.76
0.76 ± 0.2
2.3
±0.2
Note 1) The dimensional figures indicate representative values unless
otherwise the tolerance is specified.
Order Code
Lead form
Standard packing
Quantity
Standard order code
Standard order
code example
Surface-mounted type
Taping
3000
Type name – T +Direction (1 or 2) +3
FX20ASJ-03F-T13
Surface-mounted type
Plastic Magazine
(Tube)
75
Type name
FX20ASJ-03F
Note : Please confirm the specification about the shipping in detail.


Similar Part No. - FX20ASJ-03F-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FX20ASJ-03F RENESAS-FX20ASJ-03F_15 Datasheet
98Kb / 6P
   High-Speed Switching Use Pch Power MOS FET
More results

Similar Description - FX20ASJ-03F-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FX6KMJ-3 RENESAS-FX6KMJ-3 Datasheet
209Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX20ASJ-06 RENESAS-FX20ASJ-06 Datasheet
172Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX30KMJ-2 RENESAS-FX30KMJ-2 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX50KMJ-06 RENESAS-FX50KMJ-06 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX50SMJ-2 RENESAS-FX50SMJ-2 Datasheet
173Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX50SMJ-06 RENESAS-FX50SMJ-06 Datasheet
173Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX70KMJ-03 RENESAS-FX70KMJ-03 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX20ASJ-03F RENESAS-FX20ASJ-03F_15 Datasheet
98Kb / 6P
   High-Speed Switching Use Pch Power MOS FET
FX6ASJ-03 RENESAS-FX6ASJ-03_06 Datasheet
199Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX6ASJ-3 RENESAS-FX6ASJ-3 Datasheet
171Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX6KMJ-2 RENESAS-FX6KMJ-2 Datasheet
210Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com