Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS20VSJ-3 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # FS20VSJ-3
Description  High-Speed Switching Use Pch Power MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS20VSJ-3 Datasheet(HTML) 2 Page - Renesas Technology Corp

  FS20VSJ-3 Datasheet HTML 1Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 2Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 3Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 4Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 5Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 6Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FX20VSJ-3
Rev.1.00, Aug.20.2004, page 2 of 6
Electrical Characteristics
(Tch = 25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Drain-source breakdown voltage
V(BR)DSS
–150
V
ID = –1 mA, VGS = 0 V
Gate-source leakage current
IGSS
——
±0.1
µAVGS = ±20 V, VDS = 0 V
Drain-source leakage current
IDSS
–0.1
mA
VDS = –150 V, VGS = 0 V
Gate-source threshold voltage
VGS(th)
–1.0
–1.5
–2.0
V
ID = –1 mA, VDS = –10 V
Drain-source on-state resistance
rDS(ON)
0.23
0.29
ID = –10 A, VGS = –10 V
Drain-source on-state resistance
rDS(ON)
0.25
0.32
ID = –10 A, VGS = – 4 V
Drain-source on-state voltage
VDS(ON)
–2.3
–2.9
V
ID = –10 A, VGS = –10 V
Forward transfer admittance
| yfs |
17.5
S
ID = –10 A, VDS = –10 V
Input capacitance
Ciss
4470
pF
Output capacitance
Coss
248
pF
Reverse transfer capacitance
Crss
115
pF
VDS = –10 V, VGS = 0 V,
f = 1MHz
Turn-on delay time
td(on)
—15—
ns
Rise time
tr
—42—
ns
Turn-off delay time
td(off)
273
ns
Fall time
tf
114
ns
VDD = – 80 V, ID = –10 A,
VGS = –10 V,
RGEN = RGS = 50
Source-drain voltage
VSD
–1.0
–1.5
V
IS = –10 A, VGS = 0 V
Thermal resistance
Rth(ch-c)
1.79
°C/W
Channel to case
Reverse recovery time
trr
100
ns
IS = – 20 A, dis/dt = 100 A/
µs


Similar Part No. - FS20VSJ-3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS20VS-5 MITSUBISHI-FS20VS-5 Datasheet
42Kb / 4P
   HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FS20VS-5 POWEREX-FS20VS-5 Datasheet
47Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FS20VS-5 RENESAS-FS20VS-5 Datasheet
97Kb / 5P
   MITSUBISHI Nch POWER MOSFET
logo
Inchange Semiconductor ...
FS20VS-5 ISC-FS20VS-5 Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
FS20VS-5 RENESAS-FS20VS-5_15 Datasheet
117Kb / 7P
   HIGH-SPEED SWITCHING USE
More results

Similar Description - FS20VSJ-3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FX6KMJ-3 RENESAS-FX6KMJ-3 Datasheet
209Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX20ASJ-06 RENESAS-FX20ASJ-06 Datasheet
172Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX30KMJ-2 RENESAS-FX30KMJ-2 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX50KMJ-06 RENESAS-FX50KMJ-06 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX50SMJ-2 RENESAS-FX50SMJ-2 Datasheet
173Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX50SMJ-06 RENESAS-FX50SMJ-06 Datasheet
173Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX70KMJ-03 RENESAS-FX70KMJ-03 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX20ASJ-03F RENESAS-FX20ASJ-03F_15 Datasheet
98Kb / 6P
   High-Speed Switching Use Pch Power MOS FET
FX6ASJ-03 RENESAS-FX6ASJ-03_06 Datasheet
199Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX6ASJ-3 RENESAS-FX6ASJ-3 Datasheet
171Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX6KMJ-2 RENESAS-FX6KMJ-2 Datasheet
210Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com