Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR08AM-12A-A6 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # BCR08AM-12A-A6
Description  Triac Low Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR08AM-12A-A6 Datasheet(HTML) 2 Page - Renesas Technology Corp

  BCR08AM-12A-A6 Datasheet HTML 1Page - Renesas Technology Corp BCR08AM-12A-A6 Datasheet HTML 2Page - Renesas Technology Corp BCR08AM-12A-A6 Datasheet HTML 3Page - Renesas Technology Corp BCR08AM-12A-A6 Datasheet HTML 4Page - Renesas Technology Corp BCR08AM-12A-A6 Datasheet HTML 5Page - Renesas Technology Corp BCR08AM-12A-A6 Datasheet HTML 6Page - Renesas Technology Corp BCR08AM-12A-A6 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BCR08AM-12A
REJ03G0343-0200
Rev.2.00
Nov 30, 2007
Page 2 of 6
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
0.8
A
Commercial frequency, sine full wave
360° conduction, Tc = 56
°C
Surge on-state current
ITSM
8
A
60Hz sinewave 1 full cycle, peak value,
non-repetitive
I
2t for fusing
I
2t
0.26
A
2s
Value corresponding to 1 cycle of half
wave 60Hz, surge on-state current
Peak gate power dissipation
PGM
1
W
Average gate power dissipation
PG (AV)
0.1
W
Peak gate voltage
VGM
6
V
Peak gate current
IGM
0.5
A
Junction temperature
Tj
– 40 to +125
°C
Storage temperature
Tstg
– 40 to +125
°C
Mass
0.23
g
Typical value
Notes: 1. Gate open.
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Repetitive peak off-state current
IDRM
1.0
mA
Tj = 125
°C, VDRM applied
On-state voltage
VTM
2.0
V
Tc = 25
°C, ITM = 1.2 A,
Instantaneous measurement
ΙΙ
VRGTΙ
2.0
V
Gate trigger voltage
Note2
ΙΙΙ
VRGTΙΙΙ
2.0
V
Tj = 25
°C, VD = 6 V, RL = 6 Ω,
RG = 330
ΙΙ
IRGTΙ
5
mA
Gate trigger current
Note2
ΙΙΙ
IRGTΙΙΙ
5
mA
Tj = 25
°C, VD = 6 V, RL = 6 Ω,
RG = 330
Gate non-trigger voltage
VGD
0.1
V
Tj = 125
°C, VD = 1/2 VDRM
Thermal resistance
Rth (j-c)
60
°C/W
Junction to case
Note3
Critical-rate of rise of off-state
commutating voltage
Note4
(dv/dt)c
0.5
V/
µs
Tj = 125
°C
Notes: 2. Measurement using the gate trigger characteristics measurement circuit.
3. Case temperature is measured at the T2 terminal 1.5 mm away from the molded case.
4. Test conditions of the critical-rate of rise of off-state commutating voltage is shown in the table below.
Test conditions
Commutating voltage and current waveforms
(inductive load)
1. Junction temperature
Tj = 125
°C
2. Rate of decay of on-state commutating current
(di/dt)c = – 0.4 A/ms
3. Peak off-state voltage
VD = 400 V
Supply Voltage
Time
Time
Time
Main Current
Main Voltage
(di/dt)c
VD
(dv/dt)c


Similar Part No. - BCR08AM-12A-A6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR08AM-12A RENESAS-BCR08AM-12A_15 Datasheet
133Kb / 9P
   Triac Low Power Use
More results

Similar Description - BCR08AM-12A-A6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3AS-12A RENESAS-BCR3AS-12A_15 Datasheet
131Kb / 9P
   Triac Low Power Use
BCR08AM-12 RENESAS-BCR08AM-12 Datasheet
134Kb / 7P
   Triac Low Power Use
BCR08AM-14A RENESAS-BCR08AM-14A Datasheet
116Kb / 7P
   Triac Low Power Use
BCR3PM-12L RENESAS-BCR3PM-12L Datasheet
121Kb / 7P
   Triac Low Power Use
BCR2PM-12 RENESAS-BCR2PM-12 Datasheet
120Kb / 7P
   Triac Low Power Use
BCR2PM-12RE RENESAS-BCR2PM-12RE Datasheet
81Kb / 7P
   Triac Low Power Use
BCR08AS-12 RENESAS-BCR08AS-12 Datasheet
146Kb / 8P
   Triac Low Power Use
BCR3KM-14L RENESAS-BCR3KM-14L Datasheet
140Kb / 8P
   Triac Low Power Use
BCR08AS-12A RENESAS-BCR08AS-12A_15 Datasheet
126Kb / 8P
   Triac Low Power Use
BCR3AM-14B RENESAS-BCR3AM-14B_15 Datasheet
144Kb / 10P
   Triac Low Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com